công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2782FLYCS bảng dữ liệu(PDF) 4 Page - Micrel Semiconductor

tên linh kiện MIC2782FLYCS
Giải thích chi tiết về linh kiện  Dual-Input Push Button Reset IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782FLYCS bảng dữ liệu(HTML) 4 Page - Micrel Semiconductor

  MIC2782FLYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782FLYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC2782
February 21, 2014
4
Revision 2.0
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) ......................................GND to +6.0V
Input Voltage (V/MR1, V/MR2)………GND - 0.3V to VDD + 0.3V
NMOS Output Voltage (VRESET, VANDOUT)…....GND - 0.3V to
+6.0V
Lead Temperature (soldering, 10sec.) ....................... 260°C
Storage Temperature (Ts)..........................-55°C to +150°C
ESD Rating (Human Body Model)
(3) .............................. 2kV
ESD Rating (Machine Model)…………………………...200V
Operating Ratings
(2)
Supply Voltage (VDD).................................... +1.5V to +5.5V
Input Voltage (V/MR1, V/MR2)…………………...….…0V to VDD
NMOS Output Voltage (VRESET, VANDOUT)….……0V to +5.5V
Junction Temperature (TJ) .......................... –40°C to +85°C
Package Thermal Resistance
6-Bump, 0.4mm Pitch WLCSP (
θ
JA) ................ 125°C/W
Electrical Characteristics
(4)
For typical values, VDD = 3.3V, /MR1 = /MR2 = Open, TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Input
Supply Voltage (VDD)
Reset Output Valid
1.5
5.5
V
Supply Current (IDD)
VDD = 3.3V, /MR1 = /MR2 = VDD
2.2
4.0
µA
VDD = 5.0V, /MR1 = /MR2 = VDD
3.2
5.0
VDD = 3.3V, /MR1 = /MR2 = GND
120
Reset Time
Setup Period (tSETUP)
Ordering Option: C
5.4
6
6.6
s
Ordering Option: D
7.2
8
8.8
Ordering Option: E
9.0
10
11
Ordering Option: F
10.8
12
13.2
Reset Timeout Period (tRESET)
Ordering Option: L
0.4
0.5
0.6
s
Ordering Option: M
0.9
1
1.1
Ordering Option: R
1.8
2
2.2
ANDOUT Debounce Time (tDB)
V/MR1,2 < (VIL – 100mV)
1
1.5
2
ms
Output Low Voltage (VOL)
VDD = 4.5V, ISINK = 1.6mA
0.3
V
VDD = 3.3V, ISINK = 1.2mA
0.3
VDD = 1.5V, ISINK = 0.5mA
0.3
Open-Drain Leakage Current (ILEAKAGE)
RESET, ANDOUT Inactive
VRESET, VANDOUT = 5.5V
300
nA
/MR1, /MR2 Input
Input High Voltage (VIH)
1.2
V
Input Low Voltage (VIL)
0.4
V
Internal Pull-Up Resistance (RPU)
For /MR1, /MR2
55
65
75
kΩ
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com