công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2176 bảng dữ liệu(PDF) 1 Page - Micrel Semiconductor

tên linh kiện MIC2176
Giải thích chi tiết về linh kiện  Wide Input Voltage, Synchronous Buck
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2176 bảng dữ liệu(HTML) 1 Page - Micrel Semiconductor

  MIC2176 Datasheet HTML 1Page - Micrel Semiconductor MIC2176 Datasheet HTML 2Page - Micrel Semiconductor MIC2176 Datasheet HTML 3Page - Micrel Semiconductor MIC2176 Datasheet HTML 4Page - Micrel Semiconductor MIC2176 Datasheet HTML 5Page - Micrel Semiconductor MIC2176 Datasheet HTML 6Page - Micrel Semiconductor MIC2176 Datasheet HTML 7Page - Micrel Semiconductor MIC2176 Datasheet HTML 8Page - Micrel Semiconductor MIC2176 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MIC2176-1/-2/-3
Wide Input Voltage, Synchronous Buck
Controllers Featuring Adaptive On-Time
Control
Hyper Speed Control™ Family
Hype
MLF and
4-0800 • fax + 1 (
r Speed Control, SuperSwitcher II and Any Capacitor are trademarks of Micrel, Inc.
Micro
LeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 94
408) 474-1000 • http://www.micrel.com
Novem
M9999-111710-A
ber 2010
General Description
The Micrel MIC2176-1/-2/-3 is a family of constant-frequency,
synchronous buck controllers featuring a unique digitally
modified adaptive ON-time control architecture. The MIC2176
family operates over an input supply range of 4.5V to 75V
and can be used to supply up to 15A of output current. The
output voltage is adjustable down to 0.8V with a guaranteed
accuracy of ±1%, and the device operates at a constant
switching frequency of 100kHz, 200kHz, and 300kHz.
Micrel’s Hyper Speed Control
TM architecture allows for ultra-
fast transient response while reducing the output capacitance
and also makes (High VIN)/(Low VOUT) operation possible.
This digitally modified adaptive tON ripple control architecture
combines the advantages of fixed-frequency operation and
fast transient response in a single device.
The MIC2176 offers a full suite of protection features to
ensure protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper operation
under power-sag conditions, internal soft-start to reduce
inrush current, fold-back current limit, “hiccup” mode short-
circuit protection and thermal shutdown.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
Hyper Speed Control
TM architecture enables
-
High delta V operation (VIN = 75V and VOUT = 1.2V)
-
Small output capacitance
4.5V to 75V input voltage
Output down to 0.8V with ±1% accuracy
Any Capacitor
TM Stable
-
Zero-ESR to high-ESR output capacitance
100kHz/200kHz/300kHz switching frequency
Internal compensation
6ms Internal soft-start
Foldback current limit and “hiccup” mode short-circuit
protection
Thermal shutdown
Supports safe start-up into a pre-biased output
–40
°C to +125°C junction temperature range
Available in 10-pin MSOP package
Applications
Distributed power systems
Networking/Telecom Infrastructure
Printers, scanners, graphic cards and video cards
___________________________________________________________________________________________________________
Typical Application
MIC2176-2 Adjustable Output 200KHz Buck Converter
Efficiency
vs. Output Current
40
45
50
55
60
65
70
75
80
85
90
95
0
12
345
OUTPUT CURRENT (A)
28VIN
48VIN
60VIN
MIC2176-2
VOUT = 3.3V
VDD = 5V LINEAR


Số phần tương tự - MIC2176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-1YMM MICREL-MIC2176-1YMM Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-2 MICREL-MIC2176-2 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-2YMM MICREL-MIC2176-2YMM Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2176-3 MICREL-MIC2176-3 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
More results

Mô tả tương tự - MIC2176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
logo
International Rectifier
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com