| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STU6012 bảng dữ liệu(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STU6012 bảng dữ liệu(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of V BR Min. Max. (mA) (V) (µA) (A) (V) (% / °C) STU6562 58.9 65.1 1.0 53.0 5.0 7.1 85.0 0.104 STU6068 61.2 74.8 1.0 55.1 5.0 6.1 98.0 0.104 STU6568 64.6 71.4 1.0 58.1 5.0 6.5 92.0 0.104 STU6075 67.5 82.5 1.0 60.7 5.0 5.5 108 0.105 STU6575 71.3 78.8 1.0 64.1 5.0 5.8 103 0.105 STU6082 73.8 90.2 1.0 66.4 5.0 5.1 118 0.105 STU6582 77.9 86.1 1.0 70.1 5.0 5.3 113 0.105 STU6091 81.9 100 1.0 73.7 5.0 4.5 131 0.106 STU6591 86.5 95.5 1.0 77.8 5.0 4.8 125 0.106 STU60B0 90.0 110 1.0 81.0 5.0 4.2 144 0.106 STU65B0 95.0 105 1.0 85.5 5.0 4.4 137 0.106 STU60B1 99.0 121 1.0 89.2 5.0 3.8 158 0.107 STU65B1 105 116 1.0 94.0 5.0 4.0 152 0.107 STU60B2 108 132 1.0 97.2 5.0 3.5 173 0.107 STU65B2 114 126 1.0 102 5.0 3.6 165 0.107 STU60B3 117 143 1.0 106 5.0 3.2 187 0.107 STU65B3 124 137 1.0 111 5.0 3.3 179 0.107 STU60B5 135 165 1.0 121 5.0 2.8 215 0.108 STU65B5 143 158 1.0 128 5.0 2.9 207 0.108 STU60B6 144 176 1.0 130 5.0 2.6 230 0.108 STU65B6 152 168 1.0 136 5.0 2.7 219 0.108 STU60B7 153 187 1.0 138 5.0 2.5 244 0.108 STU65B7 162 179 1.0 145 5.0 2.6 234 0.108 STU60B8 162 198 1.0 146 5.0 2.3 258 0.108 STU65B8 171 189 1.0 154 5.0 2.4 246 0.108 STU60D0 180 220 1.0 162 5.0 2.1 287 0.108 STU65D0 190 210 1.0 171 5.0 2.2 274 0.108 STU60D2 198 242 1.0 175 5.0 1.75 344 0.108 STU65D2 209 231 1.0 185 5.0 1.83 328 0.108 STU60D5 225 275 1.0 202 5.0 1.67 360 0.110 STU65D5 237 263 1.0 214 5.0 1.75 344 0.110 STU60E0 270 330 1.0 243 5.0 1.40 430 0.110 STU65E0 285 315 1.0 256 5.0 1.45 414 0.110 STU60E5 315 385 1.0 284 5.0 1.20 504 0.110 STU65E5 332 368 1.0 300 5.0 1.25 482 0.110 STU60G0 360 440 1.0 324 5.0 1.05 574 0.110 STU65G0 380 420 1.0 342 5.0 1.10 548 0.110 STU60G4 396 484 1.0 356 5.0 0.95 631 0.110 STU65G4 418 462 1.0 376 5.0 1.00 602 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 50 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., IF = 50 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled. ( 4 ) "STU" or "STB" will be omitted in marking on the diode. |