công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS18102X bảng dữ liệu(PDF) 8 Page - Cirrus Logic

tên linh kiện CS18102X
Giải thích chi tiết về linh kiện  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS18102X bảng dữ liệu(HTML) 8 Page - Cirrus Logic

Back Button CS18102X Datasheet HTML 4Page - Cirrus Logic CS18102X Datasheet HTML 5Page - Cirrus Logic CS18102X Datasheet HTML 6Page - Cirrus Logic CS18102X Datasheet HTML 7Page - Cirrus Logic CS18102X Datasheet HTML 8Page - Cirrus Logic CS18102X Datasheet HTML 9Page - Cirrus Logic CS18102X Datasheet HTML 10Page - Cirrus Logic CS18102X Datasheet HTML 11Page - Cirrus Logic CS18102X Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
©Copyright 2005 Cirrus Logic, Inc.
DS651UM23
Version 2.3
CobraNet Hardware User’s Manual
Hardware
3.0 Hardware
Figure 2 shows a high-level view of the CobraNet CM-2 interface hardware architecture.
Figure 2. CobraNet Interface Hardware Block Diagram
Flash memory holds the CobraNet firmware and management interface variable settings.
The CS1810xx or CS4961xx network processor is the heart of the CobraNet interface. It
implements the network protocol stacks and performs the synchronous-to-isochronous
and isochronous-to-synchronous conversions. The network processor has a role in
sample clock regeneration and performs all interactions with the host system.
The sample clock is generated by a voltage-controlled crystal oscillator (VCXO)
controlled by the network processor. The VCXO frequency is carefully adjusted to achieve
lock with the network clock.
The Ethernet controller is a standard interface chip that implements the 100-Mbit Fast
Ethernet standard. As per Ethernet requirements the interface is transformer isolated.
VCXO
Ethernet
Magnetics
Clock
Audio
Serial
Host
Control
Clock
CobraNet CM-2
Module
Flash
Memory
Ethernet
Controller
CS1810xx/
CS4961xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com