công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSB110-902 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện CSB110-902
Giải thích chi tiết về linh kiện  Compact Embedded PC with 3rd Generation Intel
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CSB110-902 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  CSB110-902 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-15
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
CSB110-902
Compact Embedded PC with 3rd Generation Intel®
Core™ i7/i5/i3/ Celeron® QC/DC Processors
System Mainboard
IB902
CPU Type
3rd Generation Intel® Mobile CoreTM i7/i5/i3/
Celeron® QC/ DC processors ( TDP <= 35W)
CPU Package
rPGA988B for 3rd Generation Intel® Core™ i7/i5/i3/
Celeron® QC/ DC processors
Chipset
Intel® HM76 PCH
Memory
2x DDR3 1066/1333/1600 MHz SO-DIMM,
Max. 16GB (Non-ECC)
Graphics
Intel® HD graphics supports
OpenGL 3.0, DirectX® 11, OpenCL 1.1
MFX Hardware Video Decoder – MPEG-2, AVC,
VC-1, JPEG
LAN
1x Intel® 82579V Gigabit LAN controller
Expansion Slots
1x Mini PCI-E(x1) slot for Wi-Fi, Bluetooth options
I/O Interface
1x HDMI, 1x DVI-I
1x Line-Out, 1x Line-In, 1x Mic-In
1x Gigabit LAN, 2x USB 3.0,
2x USB2.0 (optional for CSB110-902-4UB only)
1x RS-232 (RJ45 connector)
1x power button with LED light, 1x DC jack
Auto Control and
Monitoring
256 segments, 0, 1, 2...255 (sec/min)
Power
Requirement
+12V DC-in
Construction
SGCC
Weight
1.2Kg
Chassis Color
Black
Storage
1x mSATA, 1x SATA 3.0 2.5” HDD dock
Power Supply
60W power adaptor with LED
Mounting
Special mounting bracket included, for desktop,
wall mount or VESA
Dimensions
180mm(W) x 150mm(D) x 40mm(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20°C~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
mSATA: 5 grms / 5~500Hz / random operation
Certification
CE, FCC, LVD
Specifications
Ordering Information
CSB110-902
SGCC chassis for IB902 3.5-inch Disk Size SBC,
4GB DDR3 memory, 320GB SATA HDD, 60W power
adaptor
CSB110-902-
4UB
SGCC chassis for IB902 3.5-inch Disk Size SBC, 4GB
DDR3 memory, 320GB SATA HDD, 2x USB2.0 (option),
60W power adaptor
Features
● Supports 3rd Generation Intel® Core™
i7/i5/i3/ Celeron® QC/DC Processors
● 2x DDR3 SO-DIMM, Max. 16GB
● Intel® HD graphics engine
● 2x USB 3.0 ports
● 1x Mini PCI-E(x1) expansion slot
● Watchdog timer
● iSMART - for auto-scheduler and power resume
Slim Type System for IBASE IB897
3.5” Disk-Size SBC
Dimensions Drawing
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
SBC System


Số phần tương tự - CSB110-902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CSB110-886C ETC2-CSB110-886C Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886C ETC2-CSB110-886C Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886M ETC2-CSB110-886M Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886M ETC2-CSB110-886M Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
More results

Mô tả tương tự - CSB110-902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
logo
Axiomtek Co., Ltd.
TBOX330-870-FL AXIOMTEK-TBOX330-870-FL Datasheet
503Kb / 2P
Fanless Embedded System with 3rd Generation Intel Core Processor and Intel QM77 for Marine PC
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
logo
Beckhoff Automation Gmb...
CX5120 BECKHOFF-CX5120 Datasheet
211Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5130 BECKHOFF-CX5130 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5140 BECKHOFF-CX5140 Datasheet
225Kb / 5P
Embedded PC with Intel Atom짰 processor
CX5230 BECKHOFF-CX5230 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
Embedded PC with Intel Atom짰 processor
logo
AAEON Technology
BOXER-6451-ADP AAEON-BOXER-6451-ADP Datasheet
689Kb / 2P
Fanless Compact Embedded Computer with 12th Generation Intel® Core™ Processors
2023/04/07
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com