công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECOS1HP152BA bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ECOS1HP152BA
Giải thích chi tiết về linh kiện  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1HP152BA bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ECOS1HP152BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1HP152BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1HP152BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1HP152BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1HP152BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1HP152BA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Compact size for general purpose and industrial applications
2 and 3 pin versions available
20mm lengths for low profile applications
Part Number System
Series
Capacitance
Code
ECOS
ECEC
ECE3
TS-UP Standard Ratings (part numbers shown with 2 pins, 6.3mm length terminal, and top vinyl plate)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
D x L
120Hz
10kHz~
120Hz
20kHz
Part Number
4700
22 x 20
1.60
1.84
0.159
0.135
ECOS1CP472BL
6800
22 x 30
3.47
3.99
0.078
0.062
ECOS1EP682BA
22 x 25
1.77
2.04
0.159
0.135
ECOS1CP472BA
25 x 25
3.47
3.99
0.078
0.062
ECOS1EP682CA
6800
22 x 25
2.57
2.96
0.110
0.093
ECOS1CP682BA
30 x 20
2.30
2.65
0.078
0.062
ECOS1EP682DL
25 x 20
1.80
2.07
0.110
0.093
ECOS1CP682CL
8200
22 x 30
3.57
4.11
0.065
0.052
ECOS1EP822BA
8200
22 x 25
3.10
3.57
0.091
0.077
ECOS1CP822BA
25 x 25
3.57
4.11
0.065
0.052
ECOS1EP822CA
10000
22 x 30
3.78
4.35
0.075
0.063
ECOS1CP103BA
10000
22 x 35
3.78
4.35
0.058
0.046
ECOS1EP103BA
25 x 25
3.78
4.35
0.075
0.063
ECOS1CP103CA
25 x 30
3.78
4.35
0.058
0.046
ECOS1EP103CA
30 x 20
2.40
2.76
0.083
0.070
ECOS1CP103DL
30 x 25
3.78
4.35
0.058
0.046
ECOS1EP103DA
12000
22 x 30
4.52
5.20
0.062
0.053
ECOS1CP123BA
35 x 20
2.70
3.11
0.061
0.049
ECOS1EP103EL
25 x 25
4.52
5.20
0.062
0.053
ECOS1CP123CA
12000
22 x 40
4.10
4.72
0.048
0.039
ECOS1EP123BA
15000
22 x 35
5.26
6.05
0.053
0.045
ECOS1CP153BA
25 x 35
4.10
4.72
0.048
0.039
ECOS1EP123CA
25 x 30
5.26
6.05
0.053
0.045
ECOS1CP153CA
30 x 30
4.10
4.72
0.048
0.039
ECOS1EP123DA
35 x 20
3.20
3.68
0.055
0.047
ECOS1CP153EL
15000
22 x 50
4.63
5.32
0.039
0.031
ECOS1EP153BA
18000
22 x 40
5.57
6.41
0.046
0.039
ECOS1CP183BA
25 x 40
4.63
5.32
0.039
0.031
ECOS1EP153CA
25 x 30
5.57
6.41
0.046
0.039
ECOS1CP183CA
30 x 30
4.63
5.32
0.039
0.031
ECOS1EP153DA
22000
22 x 45
6.10
7.02
0.038
0.032
ECOS1CP223BA
18000
25 x 45
5.47
6.29
0.035
0.028
ECOS1EP183CA
25 x 35
6.10
7.02
0.038
0.032
ECOS1CP223CA
30 x 35
5.47
6.29
0.035
0.028
ECOS1EP183DA
30 x 30
6.10
7.02
0.038
0.032
ECOS1CP223DA
22000
25 x 50
6.10
7.02
0.029
0.023
ECOS1EP223CA
27000
25 x 45
6.31
7.26
0.031
0.026
ECOS1CP273CA
30 x 40
6.10
7.02
0.029
0.023
ECOS1EP223DA
30 x 35
6.31
7.26
0.031
0.026
ECOS1CP273DA
27000
30 x 45
6.21
7.14
0.023
0.019
ECOS1EP273DA
33000
25 x 50
6.84
7.87
0.025
0.021
ECOS1CP333CA
35 x 35
6.21
7.14
0.025
0.020
ECOS1EP273EA
30 x 40
6.84
7.87
0.025
0.021
ECOS1CP333DA
33000
30 x 50
6.84
7.87
0.020
0.017
ECOS1EP333DA
35 x 30
6.84
7.87
0.025
0.021
ECOS1CP333EA
35 x 40
6.84
7.87
0.020
0.017
ECOS1EP333EA
39000
30 x 45
6.94
7.98
0.021
0.018
ECOS1CP393DA
39000
35 x 45
7.36
8.46
0.019
0.017
ECOS1EP393EA
35 x 35
6.94
7.98
0.021
0.018
ECOS1CP393EA
47000
35 x 50
8.00
9.20
0.017
0.015
ECOS1EP473EA
47000
30 x 50
7.47
8.59
0.019
0.017
ECOS1CP473DA
35 x 40
7.47
8.59
0.021
0.019
ECOS1CP473EA
2200
22 x 20
1.40
1.61
0.181
0.136
ECOS1VP222BL
56000
35 x 45
8.73
10.04
0.019
0.018
ECOS1CP563EA
22 x 25
1.52
1.75
0.166
0.124
ECOS1VP222BA
68000
35 x 50
9.05
10.41
0.018
0.017
ECOS1CP683EA
3300
22 x 25
2.29
2.63
0.111
0.083
ECOS1VP332BA
25 x 20
1.70
1.96
0.121
0.090
ECOS1VP332CL
3300
22 x 20
1.60
1.84
0.176
0.141
ECOS1EP332BL
3900
22 x 25
2.71
3.12
0.094
0.070
ECOS1VP392BA
22 x 25
1.68
1.93
0.161
0.129
ECOS1EP332BA
4700
22 x 30
3.26
3.75
0.078
0.058
ECOS1VP472BA
4700
22 x 25
2.39
2.75
0.113
0.090
ECOS1EP472BA
25 x 25
3.26
3.75
0.078
0.058
ECOS1VP472CA
25 x 20
1.80
2.07
0.123
0.099
ECOS1EP472CL
30 x 20
2.00
2.30
0.088
0.066
ECOS1VP472DL
5600
22 x 25
2.86
3.29
0.095
0.076
ECOS1EP562BA
5600
22 x 30
3.36
3.86
0.080
0.060
ECOS1VP562BA
2 pin, 6.3mm Length Terminal (Standard)
2 pin, 4.0mm Length "Short" Terminal
3 Pin, 4.0mm Length Terminal
D x L
Dissipation Factor:
(120 Hz, +20°C)
Rated Working Voltage:
16 ~ 250 VDC
Nominal Capacitance:
120 ~ 82000µF (±20% tolerance)
33 ~ 1000µF (±20% tolerance)
TS-UP Series
85°C, 3000 hours*
350 ~ 500 VDC
Operating Temperature:
-40 ~ +85°C
-25 ~ +85°C
Endurance:
3000 hours at +85°C with maximum specified ripple current (see page 6)
*2000 hours for 20mm length sizes
**Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Voltage
Code
Leakage Current:
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Ripple Current Multipliers:
Max 85°C R.C. (Arms)
Max 85°C R.C. (Arms)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
16 VDC Working, 20 VDC Surge
Size (mm)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Size (mm)
35 VDC Working, 44 VDC Surge
Common Code / Terminal Type
25 VDC Working, 32 VDC Surge (continued)
(Please see page 10 for details)
25 VDC Working, 32 VDC Surge
Working Voltage [V]:
Max. D.F. (%):
16
50
25
40
35
35
50
30
63
25
80
20
100
20
160 ~ 500
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
E
C
P
B
C
D
E
22mm
25mm
30mm
35mm
B
PVC without top plate
25 ~ 50mm lengths
A
PVC with top plate
Extended Capacitance Ratings
L
G
PVC with top plate
PVC without top plate
20mm length
X
PVC with top plate
Frequency(Hz):
16~100WV:
50
160~500WV:
60
100~120
500
1k
10k~
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors**
≤45°C
1.5
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.0
1.3
1.4
1.05
Insulation Options
Case Diameter
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Số phần tương tự - ECOS1HP152BA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ECOS1HP152BA PANASONIC-ECOS1HP152BA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
ECOS1HP152BA PANASONIC-ECOS1HP152BA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
More results

Mô tả tương tự - ECOS1HP152BA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
Large Can Aluminum Electrolytic Capacitors
EET-ED2W181DA PANASONIC-EET-ED2W181DA Datasheet
145Kb / 2P
Large Can Aluminum Electrolytic Capacitors
ECE-T1VP563FA PANASONIC-ECE-T1VP563FA Datasheet
399Kb / 3P
Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLCW NIC-NRLCW Datasheet
347Kb / 7P
Large Can Aluminum Electrolytic Capacitors
NRLUW NIC-NRLUW Datasheet
322Kb / 6P
Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com