công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APSDM032GF5PN-PCWC bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện APSDM032GF5PN-PCWC
Giải thích chi tiết về linh kiện  SATA-Disk Module 4
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032GF5PN-PCWC bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  APSDM032GF5PN-PCWC Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032GF5PN-PCWC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SATA-Disk Module 4
APSDMxxxxF5AN-PXXX
3
© 2013 Apacer Technology Inc.
Rev. 1.3
1. General Description
Apacer’s SATA-Disk Module 4 (SDM4) is a high-performance, embedded SSD DOM (Disk on Module)
designed to replace the conventional SATA storage devices. SDM4 can be fitted into a standard Serial
ATA connectors commonly found in desktops, IT-STB, industrial PC and thin client systems. In addition,
SDM4 provides an innovative way for design-in clients with compact host computing systems.
Apacer’s SDM4 is built in with an efficient microcontroller that drives the potential of NAND flash and
delivers optimal performance. With its compact form factor and SATA 3.0 Gbps interface, this product is
well suited for embedded flash storage applications offering customizable and expanded functionalities as
well as more cost-effective designs, better performance and increased reliability.
2. Functional Block
SDM4 includes the SATA and Flash Management controllers, and flash media, as well as the SATA
standard interface. Figure 2-1 shows the functional block diagram.
Figure 2-1: Functional block diagram
Controller
Flash
Flash
Flash
Flash
Host
SATA 3.0 Gbps
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com