công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5KP85A bảng dữ liệu(PDF) 3 Page - EIC discrete Semiconductors

tên linh kiện 5KP85A
Giải thích chi tiết về linh kiện  TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EIC [EIC discrete Semiconductors]
Trang chủ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

5KP85A bảng dữ liệu(HTML) 3 Page - EIC discrete Semiconductors

  5KP85A Datasheet HTML 1Page - EIC discrete Semiconductors 5KP85A Datasheet HTML 2Page - EIC discrete Semiconductors 5KP85A Datasheet HTML 3Page - EIC discrete Semiconductors 5KP85A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ IT
Reverse
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Stand off
Reverse Leakage
Peak Pulse
Clamping
Voltage
Voltage
@ V RM
Current (Note2) Voltage @ IPPM
Temperature
V BR (V)
IT
V RWM
IR
IPPM
V C
Variation of
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
V BR (mV/
°C)
5KP36
40.0
48.9
5.0
36
10
78
64.3
45
5KP36A
40.0
44.2
5.0
36
10
86
58.1
40
5KP40
44.4
54.3
5.0
40
10
70
71.4
50
5KP40A
44.4
49.1
5.0
40
10
78
64.5
45
5KP43
47.8
58.4
5.0
43
10
65
76.7
54
5KP43A
47.8
52.8
5.0
43
10
72
69.4
49
5KP45
50.0
61.1
5.0
45
10
62
80.3
57
5KP45A
50.0
55.3
5.0
45
10
69
72.7
51
5KP48
53.3
65.2
5.0
48
10
58
85.5
62
5KP48A
53.3
58.9
5.0
48
10
65
77.4
55
5KP51
56.7
69.3
5.0
51
10
55
91.1
65
5KP51A
56.7
62.7
5.0
51
10
61
82.4
60
5KP54
60.0
73.3
5.0
54
10
52
96.3
70
5KP54A
60.0
66.3
5.0
54
10
57
87.1
64
5KP58
64.4
78.7
5.0
58
10
49
103
77
5KP58A
64.4
71.2
5.0
58
10
53
94
69
5KP60
66.7
81.5
5.0
60
10
47
107
79
5KP60A
66.7
73.7
5.0
60
10
52
97
70
5KP64
71.1
96.9
5.0
64
10
44
114
85
5KP64A
71.1
78.6
5.0
64
10
49
103
75
5KP70
77.6
95.1
5.0
70
10
40
125
93
5KP70A
77.6
86.0
5.0
70
10
44
113
84
5KP75
83.3
102
5.0
75
10
37
134
100
5KP75A
83.3
92.1
5.0
75
10
41
121
90
5KP78
86.7
106
5.0
78
10
36
139
104
5KP78A
86.7
95.8
5.0
78
10
40
126
94
5KP85
94.4
115
5.0
85
10
33
151
113
5KP85A
94.4
104
5.0
85
10
36
137
102
5KP90
100
122
5.0
90
10
31
160
120
5KP90A
100
111
5.0
100
10
34
146
109
5KP100
111
136
5.0
100
10
28
179
134
5KP110
122
149
5.0
110
10
26
196
147
5KP120
133
163
5.0
120
10
23
215
158
5KP150
166
204
5.0
150
10
19
268
200
5KP180
200
244
5.0
180
10
15
320
240
Note:
( 1 ) VBR measured after IT applied for 300
µs., IT = square wave pulse or equivalent.
( 2 ) Surge Current waveform per Fig. 3 and Derate per Fig. 2
( 3 ) VF = 3.5 Volts max. for devices of V R < 100 V, and V F = 5 Volts max. for devices of VR > 100 V.
( 4 ) For Bi-directional devices having V R of 10 Volts and under the IR limit is doubled.
TYPE



Html Pages

1 2 3 4