| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP58 bảng dữ liệu(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
5KP58 bảng dữ liệu(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ IT Reverse Maximum Maximum Maximum Maximum ( Note 1 ) Stand off Reverse Leakage Peak Pulse Clamping Voltage Voltage @ V RM Current (Note2) Voltage @ IPPM Temperature V BR (V) IT V RWM IR IPPM V C Variation of Min. Max. (mA) (V) ( µA) (A) (V) V BR (mV/ °C) 5KP36 40.0 48.9 5.0 36 10 78 64.3 45 5KP36A 40.0 44.2 5.0 36 10 86 58.1 40 5KP40 44.4 54.3 5.0 40 10 70 71.4 50 5KP40A 44.4 49.1 5.0 40 10 78 64.5 45 5KP43 47.8 58.4 5.0 43 10 65 76.7 54 5KP43A 47.8 52.8 5.0 43 10 72 69.4 49 5KP45 50.0 61.1 5.0 45 10 62 80.3 57 5KP45A 50.0 55.3 5.0 45 10 69 72.7 51 5KP48 53.3 65.2 5.0 48 10 58 85.5 62 5KP48A 53.3 58.9 5.0 48 10 65 77.4 55 5KP51 56.7 69.3 5.0 51 10 55 91.1 65 5KP51A 56.7 62.7 5.0 51 10 61 82.4 60 5KP54 60.0 73.3 5.0 54 10 52 96.3 70 5KP54A 60.0 66.3 5.0 54 10 57 87.1 64 5KP58 64.4 78.7 5.0 58 10 49 103 77 5KP58A 64.4 71.2 5.0 58 10 53 94 69 5KP60 66.7 81.5 5.0 60 10 47 107 79 5KP60A 66.7 73.7 5.0 60 10 52 97 70 5KP64 71.1 96.9 5.0 64 10 44 114 85 5KP64A 71.1 78.6 5.0 64 10 49 103 75 5KP70 77.6 95.1 5.0 70 10 40 125 93 5KP70A 77.6 86.0 5.0 70 10 44 113 84 5KP75 83.3 102 5.0 75 10 37 134 100 5KP75A 83.3 92.1 5.0 75 10 41 121 90 5KP78 86.7 106 5.0 78 10 36 139 104 5KP78A 86.7 95.8 5.0 78 10 40 126 94 5KP85 94.4 115 5.0 85 10 33 151 113 5KP85A 94.4 104 5.0 85 10 36 137 102 5KP90 100 122 5.0 90 10 31 160 120 5KP90A 100 111 5.0 100 10 34 146 109 5KP100 111 136 5.0 100 10 28 179 134 5KP110 122 149 5.0 110 10 26 196 147 5KP120 133 163 5.0 120 10 23 215 158 5KP150 166 204 5.0 150 10 19 268 200 5KP180 200 244 5.0 180 10 15 320 240 Note: ( 1 ) VBR measured after IT applied for 300 µs., IT = square wave pulse or equivalent. ( 2 ) Surge Current waveform per Fig. 3 and Derate per Fig. 2 ( 3 ) VF = 3.5 Volts max. for devices of V R < 100 V, and V F = 5 Volts max. for devices of VR > 100 V. ( 4 ) For Bi-directional devices having V R of 10 Volts and under the IR limit is doubled. TYPE |