| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BYV95C bảng dữ liệu(PDF) 2 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
BYV95C bảng dữ liệu(HTML) 2 Page - EIC discrete Semiconductors |
|
2 / 2 page ![]() RATING AND CHARACTERISTIC CURVES ( BYV95A - BYV96E ) FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM + 50 Vdc (approx.) SET TIME BASE FOR 50/100 ns/cm NOTE : 1. Rise Time = 7ns max.,Input Impedance = 1 megaohm, 22pF. 2. Rise Time = 10ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types. FIG.2 - FORWARD CURRENT DERATING CURVE FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 TIE-POINT TEMPERATURE, ( °C) NUMBER OF CYCLES AT 50Hz FIG.4 - TYPICAL FORWARD CHARACTERISTICS FIG.5 - TYPICAL REVERSE CHARACTERISTICS 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 1.2 0.9 0.6 0.3 1.5 10 10 1.0 40 0 50 0 30 20 10 0.1 1.0 80 0.01 0.1 0.1 100 140 0 20 40 60 120 PERCENT OF RATED REVERSE VOLTAGE, (%) TJ = 25 °C TJ = 125 °C TJ = 25 °C Pulse Width = 300 µs 2% Duty Cycle FORWARD VOLTAGE, VOLTS TJ = 100 °C PULSE GENERATOR (NOTE2) - D.U.T OSCILLOSCOPE (NOTE1) 50 Ω 10 Ω 1 Ω +0.5A 0 - 0.25 - 1.0A 1cm Trr |