công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-64 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện SI-64
Giải thích chi tiết về linh kiện  Supports up to four display outputs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SI-64 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-64 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
24
Features
● iSMART - for auto-scheduler and power resume
● Supports up to four display outputs
● Discrete AMD RadeonTM E6760 graphics
processors (480 processing elements) with 1024MB
GDDR5-1600 graphics memory
● Supports 3rd Generation Intel® Core™ i7/i5/i3,
Pentium QC/DC desktop processors
● 2x DDR3 1600MHz DIMM, Max. 16GB
● 2x Mini PCI-E(x1) slots for WiFi, 3G and TV tuner options
● Two RS232 serial ports
Extreme Performance, Four DVI Signage Player, with 2nd/3rd Gen.
Intel® Core™ i Desktop Processor and AMD Radeon™ E6760 Graphics
SI-64
System Mainboard IB964
CPU Type
3rd Generation Intel® Core™ i7/i5/i3, Pentium QC/DC
Desktop Processors *The maximum TDP supported 77W
CPU Socket
LGA1155
Chipset
Intel® Q77
Memory
2x DDR3 1600MHz DIMM, Max. 16GB (Non-ECC)
Graphics
AMD E6760 GPU (480 Cores @ 600 MHz; 31W)
with 1024MB GDDR5-1600 (57.6 GB/s)
128-bit wide, 1.DirectX®11GB GDDR5, 51.2 GB/s
DirectX®11, Shader 5.0, OpenGL 4.1 capable
UVD3 video & display engines for HD, Blu-ray & 3D
LAN
1x Intel® 82579LM Gigabit LAN controller (with iAMT 8.0)
1x Intel® 82579V Gigabit LAN controller
Expansion Slots
2x Mini PCI-E(x1) slot for WiFi, 3G and TV tuner options
I/O Interface
3x DVI, 1x Hybird DVI (DVI/ VGA / HDMI with audio)
2x USB 2.0 ports, 2x USB 3.0 ports
2x RJ45 for LAN, 2x RJ45 for RS232
2x Microjack audio connectors for Line-in / Line-out
Power / HDD LED, 1x Power on/off button
1x Power jack
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
Power
Requirement
AC-in
Construction
SGCC
Weight
4.1kg (9.04lbs)
Chassis Color
Black & White
Storage
1x mSATA
1x SATA 3.0 2.5” HDD Dock
Power Supply
Internal 250w PSU
Mounting
Standard system bracket
Dimensions
380mm(W) x 250mm(D) x 45mm(H)
14.9”(W) x9.8”(D) x 1.77”(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
mSATA: 5 grms / 5~500Hz / random operation
Certification
CE, FCC, CCC , UL
SI-64
Signage Player with 3rd Generation Intel® Core™i5 (DT)
i5-3550S Processors (6M Cache, up to 3.0 GHz) with AMD
E6760 GPU, 8GB DDR3 DIMM, 2.5” 320GB SATA HDD
SI-64M
Signage Player with AMD E6760 GPU, without CPU/RAM/
HDD
Ordering Information
Specifications
Dimensions
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Số phần tương tự - SI-64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
SI-60001-F BEL-SI-60001-F Datasheet
399Kb / 4P
SI-60001-F
SI-60002 BEL-SI-60002 Datasheet
293Kb / 4P
SI-60002
SI-60002-F BEL-SI-60002-F Datasheet
314Kb / 4P
SI-60002-F
SI-60003 BEL-SI-60003 Datasheet
301Kb / 4P
SI-60003
SI-60004 BEL-SI-60004 Datasheet
293Kb / 4P
SI-60004
More results

Mô tả tương tự - SI-64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SN54LS569A MOTOROLA-SN54LS569A Datasheet
260Kb / 8P
FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
Supports Remote Display Function
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
Supports Remote Display Function
FOX-12R AAEON-FOX-12R Datasheet
291Kb / 2P
Supports Remote Display Technology
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
Supports up to 15??laptops.
logo
Xilinx, Inc
DS416 XILINX-DS416 Datasheet
1,021Kb / 50P
Supports up to 2 physical channels
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
User Selectable Up to Four Frequencies
logo
Vecow Co., Ltd.
EMBC-2000 VECOW-EMBC-2000 Datasheet
441Kb / 2P
Supports DDR3L 1866MHz memory, up to 8GB
logo
Maxim Integrated Produc...
MAX20307EVKIT MAXIM-MAX20307EVKIT Datasheet
774Kb / 9P
Supports Fast Drive Signals up to 15MHz
Rev 0; 5/18
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com