công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAH3691FD bảng dữ liệu(PDF) 3 Page - Dynex Semiconductor

tên linh kiện MAH3691FD
Giải thích chi tiết về linh kiện  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DYNEX [Dynex Semiconductor]
Trang chủ  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAH3691FD bảng dữ liệu(HTML) 3 Page - Dynex Semiconductor

  MAH3691FD Datasheet HTML 1Page - Dynex Semiconductor MAH3691FD Datasheet HTML 2Page - Dynex Semiconductor MAH3691FD Datasheet HTML 3Page - Dynex Semiconductor MAH3691FD Datasheet HTML 4Page - Dynex Semiconductor MAH3691FD Datasheet HTML 5Page - Dynex Semiconductor MAH3691FD Datasheet HTML 6Page - Dynex Semiconductor MAH3691FD Datasheet HTML 7Page - Dynex Semiconductor MAH3691FD Datasheet HTML 8Page - Dynex Semiconductor MAH3691FD Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MA3690/1/3
3/41
INCADRN
Output
INCREMENT ADDRESS - This line pulses low to increment
the external instruction addressing counter.
HSFN/IRQN Output
HANDSHAKE FAIL / INTERRUPT REQUEST
RT: This line pulses low to inform the subsystem that it has
not responded to a data transfer request to take place.
BC: This line pulses low to generate an interrupt to the BC
subsystem processor.
INCMDN
Output
IN COMMAND - When low this line indicates that the terminal
is currently servicing a command word.
EOTN
Output
END OF TRANSMISSION - When low this line indicates that
the selected bus is quiet and hence available for use.
ABORTN
Output
This line will pulse low to abort execution of the current
command if an error is detected.
B0-B15
Input/Output
HIGHWAY LINES - 16 line bidirectional Output data highway.
(B0 = LSB).
CLDN
Inter-chip (CMOS)
COMMAND LOAD - When low this line indicates that the
word on the data highway should be loaded into the
transmitter for transmission with a command sync.
DLDN
Inter-chip (CMOS)
DATA LOAD - When low this line indicates that the word on
the data highway should be loaded into the transmitter for
transmission with a data sync.
OBFN
Inter-chip (CMOS)
OUTPUT BUFFER FULL - When low this line indicates that
the transmitter output buffer is full and cannot be overwritten.
VALDRN
Inter-chip (CMOS)
VALID DATA RECEIVED - When low this line indicates that a
valid data word has been received and is on the data
highway.
VALCRN
Inter-chip (CMOS)
VALID COMMAND RECEIVED -
RT: When low this line indicates that a valid command word
for this RT has been received.
BC: When low this line indicates that a valid word with a
command sync has been received.
RT/BCN
Input
REMOTE TERMINAL/BUS CONTROLLER - When high the
terminal will function as an RT.When low the terminal will
function as a bus controller.
CK4
Output
4MHz system clock.
PUCN
Input
POWER UP CLEAR - This line should be pulsed low
following power-up.
RESETN
Input/Output
RESET - This line when low, forces the internal circuitry to
reset to the quiescent initialised state. This is a ‘TTL’ level
input on both devices and an open-drain output on the
MA3690. The subsystem should drive this line via an open
drain/collector device with external pull up fitted.
RT0 / RT1
Inputs
REPLY TIMEOUT DECODE - These lines on the MA3690
allow four different timeout values to be used. On the
MA3693, the RT1 signal is not available and is pulled down
internally.
RT1
RT0
Timeout (us)
00
16
01
22
10
44
1
1
108
Note: Under normal operation, option 00 should be used.
(i.e. 16uS)
The measurement is taken between mid parity and mid sync
- measured at PDIN/NDIN terminals.
TF
Output
TERMINAL FLAG - This line is available only on the 64-pin
MA3690 and on the MA3693 (where it replaces RT1). The
line indicates the state of the Terminal Flag bit in the Status
Word, and can be inhibited by the mode code Inhibit
Terminal Flag. This is an active LOW signal.
TEST/SOT
Inputs
These lines are for test purposes only and for normal chip set
operation must both be tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com