công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP-UM004GD10EG-MS bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện AP-UM004GD10EG-MS
Giải thích chi tiết về linh kiện  USB-Disk Module?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM004GD10EG-MS bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-UM004GD10EG-MS Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
USB-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-UMxxxxXXXXG-XXXX
10
© 2009 Apacer Technology, Inc.
Rev.
1.5
5. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 5-1: Operating Range
Range
Ambient Temperature
Voltage
Standard
0°C to 70°C
Extended Temperature
-40°C to 85°C
4.5-5.5V
Table 5-2: Absolute maximum power pin stress ratings
Parameter
Symbol
Min
Max
Unit
Power Supply Input
VDD
-0.3
5.5
V
Voltage on any pin except VDD with respect to GND
VIN
-0.3
5.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com