công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP-UM004GD10EG-MH bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện AP-UM004GD10EG-MH
Giải thích chi tiết về linh kiện  USB-Disk Module?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM004GD10EG-MH bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-UM004GD10EG-MH Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM004GD10EG-MH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
USB-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-UMxxxxXXXXG-XXXX
2
© 2009 Apacer Technology, Inc.
Rev.
1.5
FEATURES:
•
USB2.0 High-Speed and USB1.1 Full-
Speed compatible interface
•
Capacity
–
256, 512 MB
–
1, 2, 4, 8 GB
•
Fast sustained read performance
–
Sustained read: 30 MB/s
•
Fast sustained write performance
–
Sustained write: 20 MB/s
•
Intelligent USB Module
–
Implements dynamic wear-leveling
algorithms to substantially increase
longevity of flash media
–
BCH (6/12 bit) Error Detection Code/Error
Correction Code (EDC/ECC)
–
Intrinsic data integrity after power loss
–
Wear leveling algorithm that provides more
reliable data storage over an extended
period
•
Extended Data Protection (Optional)
–
Write protection setting by jumper for
prevention of data overwrites.
•
Zero Power Data Retention
–
Batteries not required for data storage
•
Support Ready Boost for Windows Vista
•
Support boot-up function for OS
–
Windows XP Embedded
–
Windows CE
–
Linux
–
Windows XP Professional
1
•
Temperature ranges
–
0°C to 70°C for operation (standard)
–
-40°C to 85°C for operation (ET
2)
–
-40°C to 100°C for storage
•
Low power consumption (typical)
–
Active mode: 110 mA
–
Sleep mode: 450 μA
•
Connector
–
10-pin (2x5) female header
•
RoHS Compliant
1.
Please order NR type. Only support Standard Temperature 2GB, 4GB, 8GB capacity
2.
Extended Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com