công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APSDM064G45AD-AC bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện APSDM064G45AD-AC
Giải thích chi tiết về linh kiện  SATA-Disk Module 4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM064G45AD-AC bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button APSDM064G45AD-AC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 15Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 16Page - List of Unclassifed Manufacturers APSDM064G45AD-AC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SATA-Disk Module 4
APSDMxxxx45Ax-AXX
12
© 2011 Apacer Technology Inc.
Rev. 1.0
7. Electrical Specification
Caution: Absolute Maximum Stress Ratings – Applied conditions greater than those listed under
“Absolute Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these conditions or conditions greater than those defined in
the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating
conditions may affect device reliability.
Table 7-1: Operating range
Range
Ambient Temperature
5V
Standard
0°C to +70°C
Extended Temperature
-40°C to 85°C
4.75-5.25V
Table 7-2: Absolute maximum power pin stress ratings
Parameter
Symbol
Conditions
Input Power
VDD
-0.3V min. to 6.5V max.
Voltage on any pin except VDD with respect to GND
V
-0.5V min. to VDD + 0.5V max.
Table 7-3: Recommended system power-up timing
Symbol
Parameter
Typical
Maximum
Units
TPU-READY
1
Power-up to Ready Operation
200
1000
ms
TPU-WRITE
1
Power-up to Write Operation
200
1000
ms
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Table 7-4: Power consumption – Standard (typical)
Capacity
Mode
2 GB
4 GB
8 GB
16 GB
32 GB
Active
(mA)
187
224
233
220
230
Stand By
(mA)
71
72
72
75
75
Power consumption – High speed (typical)
Capacity
Mode
4 GB
8 GB
16 GB
32 GB
64 GB
Active
(mA)
255
333
324
280
300
Stand By
(mA)
85
95
95
77
80
Note: Power consumptions may vary depending on flash configurations and platforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com