| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APSDM032G45AD-AC bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
APSDM032G45AD-AC bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 21 page ![]() SATA-Disk Module 4 APSDMxxxx45Ax-AXX 7 © 2011 Apacer Technology Inc. Rev. 1.0 4. Capacity Specification Capacity specification of SDM4 is available as shown in Table 4-1. It lists the specific capacity and the default numbers of heads, sectors and cylinders for each product line. Table 4-1: Capacity specifications Capacity Total bytes* Cylinders Heads Sectors Max LBA 2 GB 2,002,452,480 3,880 16 63 3,911,040 4 GB 3,011,420,160 5835 16 63 5,881,680 8 GB 7,012,196,352 15334 16 63 13,695,696 16 GB 16,013,942,784 16,383 16 63 31,277,232 32 GB 32,017,047,552 16,383 16 63 62,533,296 64 GB 63,351,106,560 16,383 16 63 123,732,736 *Display of total bytes varies from file systems, which means not all of the bytes can be used for storage. 4.1 Performance Specification 4.1.1 ATA Mode Support SDM4 supports the following ATA operating modes: Supports up to PIO Mode-4 Supports up to Multi-word DMA Mode-2 Supports up to Ultra DMA Mode-5 4.1.2 Performance Performances of SDM4 are listed below in table 4-2. Table 4-2: Performance (Standard) Capacity Performance 2 GB 4 GB 8 GB 16 GB 32 GB Sustained read (MB/s) 75 80 80 85 85 Sustained write (MB/s) 26 50 50 80 80 Performance (High-speed) Capacity Performance 4 GB 8 GB 16 GB 32 GB 64 GB Sustained read (MB/s) 150 160 160 160 165 Sustained write (MB/s) 50 100 95 145 150 Note: Results may differ from various flash configurations. |