công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP-CF032GR9FS-NDRM bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện AP-CF032GR9FS-NDRM
Giải thích chi tiết về linh kiện  CompactFlash Series 5 Specifications for Industrial CompactFlash Card
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF032GR9FS-NDRM bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-CF032GR9FS-NDRM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF032GR9FS-NDRM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Compact Flash 5 series
AP-CFxxxxRXXS-XXXXXXA
9
© 2013 Apacer Technology Inc.
Rev. 1.2
5. Software Interface
5.1 CF-ATA Command Set
Table 5-1: CFC-ATA command set
Command
Code
Check-Power-Mode
E5H or 98H
Execute-Drive-Diagnostic
90H
Erase-Sector(s)
C0H
Flush-Cache
E7H
Format-Track
50H
Identify-Drive
ECH
Idle
E3H or 97H
Idle-Immediate
E1H or 95H
Initialize-Drive-Parameters
91H
NOP
00H
Read-Buffer
E4H
Read-Multiple
C4H
Read-Sector(s)
20H or 21H
Read-Verify-Sector(s)
40H or 41H
Recalibrate
1XH
Request-Sense
03H
Seek
7XH
Set-Features
EFH
Set-Multiple-mode
C6H
Set-Sleep-Mode
E6H or 99H
Standby
E2H or 96H
Standby-Immediate
E0H or 94H
Translate-Sector
87H
Write-Buffer
E8H
Write-Multiple
C5H
Write-Multiple-Without-Erase
CDH
Write-Sector(s)
30H or 31H
Write-Sector(s)-Without-Erase
38H
Write-Verify
3CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com