| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP-CF032GL9FS-NDRM bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-CF032GL9FS-NDRM bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 18 page ![]() Compact Flash 5 series AP-CFxxxxL9XS-XXXXXX 3 © 2012 Apacer Technology Inc. Rev. 1.2 1. General Description Apacer’s value-added Industrial CompactFlash Card offers high performance, high reliability and power- efficient storage. Regarding standard compliance, this CompactFlash Card complies with CompactFlash specification revision 4.1, supporting transfer modes up to Programmed Input Output (PIO) Mode 6, Multi- word Direct Memory Access (DMA) Mode 4, Ultra DMA Mode 5, and PCMCIA Ultra DMA Mode 5. For power efficiency, this industrial CompactFlash card supports some power smart design mechanisms such as Power-On-Reset, voltage regulator for output voltage adjustments and power failure protection, as well as the automatic sleep and wake-up feature. In terms of security, it comes with a hardware write protect switch. In terms of data integrity and accuracy, the CompactFlash card is built with on-chip hardware 13/24 bit BCH ECC engine that can correct up to 24-bit errors per 1,024 byte data. The 13-bit is used for 2KB page size with 16 bytes spare region per 512 byte data, while the 24-bit ECC is used for flash with 218 or more bytes, companied with 4KB data. The controller of this CompactFlash card is designed to transfer the host data through fast DMA engine and utilize the internal memory buffer in a sufficient way, which greatly minimizes the internal microprocessor’s loading and improves performance efficiency. Apacer’s value-added CFC provides complete PCMCIA - ATA functionality and compatibility. Apacer ‘s CompactFlash technology is designed for applications in Point of Sale (POS) terminals, telecom, IP-STB, medical instruments, surveillance systems, industrial PCs and handheld applications such as the new generation of Digital Single Lens Reflex (DSLR) cameras. 2. Functional Block The CompactFlash Card (CFC) includes a controller and flash media, as well as the CompactFlash standard interface. Figure 2-1 shows the functional block diagram. Figure 2-1: Functional block diagram |