công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAS3693NL bảng dữ liệu(PDF) 10 Page - Dynex Semiconductor

tên linh kiện MAS3693NL
Giải thích chi tiết về linh kiện  1553B Bus Controller/Remote Terminal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DYNEX [Dynex Semiconductor]
Trang chủ  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS3693NL bảng dữ liệu(HTML) 10 Page - Dynex Semiconductor

Back Button MAS3693NL Datasheet HTML 6Page - Dynex Semiconductor MAS3693NL Datasheet HTML 7Page - Dynex Semiconductor MAS3693NL Datasheet HTML 8Page - Dynex Semiconductor MAS3693NL Datasheet HTML 9Page - Dynex Semiconductor MAS3693NL Datasheet HTML 10Page - Dynex Semiconductor MAS3693NL Datasheet HTML 11Page - Dynex Semiconductor MAS3693NL Datasheet HTML 12Page - Dynex Semiconductor MAS3693NL Datasheet HTML 13Page - Dynex Semiconductor MAS3693NL Datasheet HTML 14Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MA3690/1/3
10/41
FULL BUS CONTROLLER
To make use of the SOS chipset’s capabilities a processor-
based system would be more applicable. A block diagram of
such a system, using shared store technique is shown in
Figure 3. In this, the instruction word store would be alterable
by the processor for use in various system conditions, i.e. a
basic message table would initialy be set up with the processor
monitoring the results of execution from the report word store
and / or the interrupt request (IRQN) line. On detection of an
erroneous condition, the processor could write a new message
table to test the RT in error by, for example, a self test mode
command. The inclusion of automatic retry, with a maximum of
3 retries, in the instruction word, removes the requirement from
the processor to retry under simple RT faults, e.g., status bit
set.
Figure 3: Full Bus Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41