| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP4CE115 bảng dữ liệu(PDF) 21 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP4CE115 bảng dữ liệu(HTML) 21 Page - Altera Corporation |
|
21 / 488 page ![]() Chapter 1: Cyclone IV FPGA Device Family Overview 1–7 Cyclone IV Device Family Speed Grades April 2014 Altera Corporation Cyclone IV Device Handbook, Volume 1 Cyclone IV Device Family Speed Grades Table 1–5 lists the Cyclone IV GX devices speed grades. Table 1–6 lists the Cyclone IV E devices speed grades. Table 1–5. Speed Grades for the Cyclone IV GX Device Family Device N148 F169 F324 F484 F672 F896 EP4CGX15 C7, C8, I7 C6, C7, C8, I7 — — — — EP4CGX22 — C6, C7, C8, I7 C6, C7, C8, I7 — — — EP4CGX30 — C6, C7, C8, I7 C6, C7, C8, I7 C6, C7, C8, I7 — — EP4CGX50 — — — C6, C7, C8, I7 C6, C7, C8, I7 — EP4CGX75 — — — C6, C7, C8, I7 C6, C7, C8, I7 — EP4CGX110 — — — C7, C8, I7 C7, C8, I7 C7, C8, I7 EP4CGX150 — — — C7, C8, I7 C7, C8, I7 C7, C8, I7 Table 1–6. Speed Grades for the Cyclone IV E Device Family (1), (2) Device E144 M164 M256 U256 F256 F324 U484 F484 F780 EP4CE6 C8L, C9L, I8L C6, C7, C8, I7, A7 — — I7N C8L, C9L, I8L C6, C7, C8, I7, A7 — — — — EP4CE10 C8L, C9L, I8L C6, C7, C8, I7, A7 — — I7N C8L, C9L, I8L C6, C7, C8, I7, A7 — — — — EP4CE15 C8L, C9L, I8L C6, C7, C8, I7 I7N C7N, I7N I7N C8L, C9L, I8L C6, C7, C8, I7, A7 — — C8L, C9L, I8L C6, C7, C8, I7, A7 — EP4CE22 C8L, C9L, I8L C6, C7, C8, I7, A7 — — I7N C8L, C9L, I8L C6, C7, C8, I7, A7 — — — — EP4CE30 — — — — — A7N — C8L, C9L, I8L C6, C7, C8, I7, A7 C8L, C9L, I8L C6, C7, C8, I7 EP4CE40 — — — — — A7N I7N C8L, C9L, I8L C6, C7, C8, I7, A7 C8L, C9L, I8L C6, C7, C8, I7 EP4CE55 — — — — — — I7N C8L, C9L, I8L C6, C7, C8, I7 C8L, C9L, I8L C6, C7, C8, I7 EP4CE75 — — — — — — I7N C8L, C9L, I8L C6, C7, C8, I7 C8L, C9L, I8L C6, C7, C8, I7 EP4CE115 — — — — — — — C8L, C9L, I8L C7, C8, I7 C8L, C9L, I8L C7, C8, I7 Notes to Table 1–6: (1) C8L, C9L, and I8L speed grades are applicable for the 1.0-V core voltage. (2) C6, C7, C8, I7, and A7 speed grades are applicable for the 1.2-V core voltage. |