công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CBLRLC02 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện CBLRLC02
Giải thích chi tiết về linh kiện  RJ ADAPTERS CABLES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

CBLRLC02 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  CBLRLC02 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBLRLC02 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LIMITED WARRANTY
The Company warrants the products it manufactures against defects in materials and workmanship for a period limited to one year from the
date of shipment, provided the products have been stored, handled, installed, and used under proper conditions. The Company’s liability
under this limited warranty shall extend only to the repair or replacement of a defective product, at The Company’s option. The Company
disclaims all liability for any affirmation, promise or representation with respect to the products.
The customer agrees to hold Red Lion Controls harmless from, defend, and indemnify RLC against damages, claims, and expenses arising
out of subsequent sales of RLC products or products containing components manufactured by RLC and based upon personal injuries, deaths,
property damage, lost profits, and other matters which Buyer, its employees, or sub-contractors are or may be to any extent liable, including
without limitation penalties imposed by the Consumer Product Safety Act (P.L. 92-573) and liability imposed upon any person pursuant to
the Magnuson-Moss Warranty Act (P.L. 93-637), as now in effect or as amended hereafter.
No warranties expressed or implied are created with respect to The Company’s products except those expressly contained herein. The
Customer acknowledges the disclaimers and limitations contained herein and relies on no other warranties or affirmations.
G3 operator panel connected to two Modular Controller masters.
APPLICATION EXAMPLE
The 10' long CBLRLC04 connects the G3, which
is mounted on the door of the enclosure, to the
DRRJ45P6, which is located on the DIN rail next to
the Modular Controllers. The 1' long CBLRLC03
cables are used to jumper from the DRRJ45P6 to the
Modular Controllers.
DRRJ45P6 - RJ45 Parallel Connector
DIMENSIONS In inches (mm)
RS422/RS485/DH485 via RJ-45 connector and DRRJ45T8
Product Examples: G3 and Modular Controller
A Red Lion Controls device with an RS422/RS485/DH485 port via RJ-45 is
connected to the DRRJ45T8 adapter using the CBLRLC03 or CBLRLC04
cable. The terminal block is then wired to run the RS422/RS485/DH485 serial
information to another device.
RJ-45 DIMENSIONS In inches (mm)
APPLICATION EXAMPLES
DESCRIPTION
The DRRJ45P6 allows Red Lion products that utilize an RJ45-RS485
port to be quickly multi-dropped, saving wiring time. All six of the
connectors on the DRRJ45P6 are wired in parallel, allowing products
such as the G3 operator panel and the Modular Controller to be easily
connected for multi-drop applications.



Html Pages

1 2