| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2102SY bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2102SY bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DS2102SY Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load, T case = 100 oC 5460 A T case = 100 oC 8575 A T case = 100 oC 7450 A Half wave resistive load, T case = 100 oC 3410 A T case = 100 oC 5356 A T case = 100 oC 4260 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 6654 A - 10452 A - 9275 A Half wave resistive load 4227 A - 6640 A - 5403 A T case = 100 oC unless otherwise stated |