| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EKMG161E331MMP1S bảng dữ liệu(PDF) 3 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
EKMG161E331MMP1S bảng dữ liệu(HTML) 3 Page - Nippon Precision Circuits Inc |
|
3 / 3 page ![]() Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Standard, Downsized, 105 ℃ KMG Series ◆STANDARD RATINGS is not solvent resistant. WV (Vdc) Cap (µF) Case size φD×L(mm) tan δ Rated ripple current (mArms/ 105℃,120Hz) Part No. 450 3.3 10 ×16 0.24 31 EKMG451E□□3R3MJ16S 4.7 10 ×20 0.24 40 EKMG451E□□4R7MJ20S 10 12.5 ×20 0.24 65 EKMG451E□□100MK20S 22 16 ×25 0.24 115 EKMG451E□□220ML25S 33 16 ×31.5 0.24 155 EKMG451E□□330MLN3S 47 16 ×35.5 0.24 185 EKMG451E□□470MLP1S 2.2 10 ×12.5 0.24 23 EKMG451E□□2R2MJC5S □□ : Enter the appropriate lead forming or taping code. ◆RATED RIPPLE CURRENT MULTIPLIERS 50 0.65 0.75 0.80 0.85 120 1.00 1.00 1.00 1.00 300 1.35 1.25 1.15 1.03 1k 1.75 1.50 1.30 1.05 10k 2.30 1.75 1.40 1.08 100k 2.50 1.80 1.50 1.08 Capacitance (µF) Frequency (Hz) 1.0 to 4.7 10 to 47 100 to 1,000 2,200 to ● Frequency Multipliers The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 ℃ rise. When long life performance is required in actual use, the rms ripple current has to be reduced. 131 CAT. No. E1001N MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS |