công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECWFD2W104 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ECWFD2W104
Giải thích chi tiết về linh kiện  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W104 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ECWFD2W104 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC58−
Metallized Polypropylene Film Capacitor
Type :
ECWFD
Non-inductive construction using metalized Polypropylene
film with flame retardant epoxy resin coating.
■Features
•Small size
•Excellent frequency characteristics
•Low loss
•Flame-retardant epoxy resin coating
•Low Hum Sound Noise
•RoHS directive compliant
■Recommended Applications
•Activ filter circuits
•High frequency and high current circuits
■Explanation of Part Numbers
•Standard Product
1
23
456
78
9
10
11
12
E
C
W
F
D
Product code
Dielectric &
construction
Rated vol.
Capacitance
Cap. Tol. Suffix
2W
450 VDC
J
±5 %
K ±10 %
Plastic Film Capacitors
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor (tan )
−40 ℃ to +110 ℃
450 VDC (Derating of rated voltage by 0.62%/˚C at more than 85˚C
Peak to peak voltage applied on the capacitor should be less than
240Vp-p, and zero to peak voltage should be less than 450V.
tan
δ≦0.1 % (20 ˚C,1 kHz)
Between terminals:Rated voltage (VDC)×150 % 60 s
Insulation resistance (IR)
0.1 µF to 4.7 µF
±5 %(J), ±10 %(K)
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
1
23
456
78
9
10
11
12
E
C
W
F
D
Product code
Dielectric &
construction
Rated vol.
Capacitance
Suffix 1 Suffix 2
2W
450 VDC
C
≦0.33 µF:IR≧30,000MΩ
C
>0.33 µF:IR≧10,000MΩ・µF
(20
℃,100 VDC,60 s)
•Short Lead Space Product (0.47 µF,0.68 µF,1.0 µF)
Suffix
P
Q
Cap. Tol.
±5 %(J)
±10 %(K)
Suffix
Blank
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
Suffix
1
B
Q
C
3
4
Lead Form
Straight
Crimped lead
Crimped lead
Cut lead
Crimped taping (Ammo)
Odd size taping
p Œ ¯ ¶
‚
P50_81
13.9.26 22:50
y [ W
58


Số phần tương tự - ECWFD2W104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
Metallized Polypropylene Film Capacitor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
1Mb / 16P
Plastic Film Capacitors
31-Jul-19
ECWFD2W104J PANASONIC-ECWFD2W104J Datasheet
3Mb / 19P
Plastic Film Capacitors
23-Apr-25
ECWFD2W104J3 PANASONIC-ECWFD2W104J3 Datasheet
3Mb / 19P
Plastic Film Capacitors
23-Apr-25
More results

Mô tả tương tự - ECWFD2W104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com