| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DNB65 bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DNB65 bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DNB65 Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load, T case = 100 oC 2000 A T case = 100 oC 3140 A T case = 100 oC 2800 A Half wave resistive load, T case = 100 oC 1284 A T case = 100 oC 2017 A T case = 100 oC 1715 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 2590 A - 4068 A - 3727 A Half wave resistive load 1940 A - 3047 A - 2656 A T case = 100 oC unless otherwise stated |