| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DNB64 bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DNB64 bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DNB64 Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load, T case = 100 oC 2530 A T case = 100 oC 3980 A T case = 100 oC 3635 A Half wave resistive load, T case = 100 oC 1655 A T case = 100 oC 2600 A T case = 100 oC 2280 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 3019 A - 4741 A - 4414 A Half wave resistive load 2280 A - 3581 A - 3182 A T case = 100 oC unless otherwise stated |