| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DNB63 bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DNB63 bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 7 page ![]() 2/7 www.dynexsemi.com DNB63 Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load, T case = 100 oC 4850 A T case = 100 oC 7615 A T case = 100 oC 6600 A Half wave resistive load, T case = 100 oC 3540 A T case = 100 oC 5560 A T case = 100 oC 4500 A CURRENT RATINGS T case = 75 oC unless otherwise stated Symbol Parameter Conditions Double Side Cooled I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Single Side Cooled (Anode side) I F(AV) Mean forward current I F(RMS) RMS value I F Continuous (direct) forward current Units Max. Half wave resistive load 5794 A - 9101 A - 7934 A Half wave resistive load 4230 A - 6645 A - 5468 A T case = 100 oC unless otherwise stated |