| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA8.0 bảng dữ liệu(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SA8.0 bảng dữ liệu(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 56 page ![]() www.socay.com 2 Surface Mount Transient Voltage Suppressors (TVS) SMF Series 5.0 To 190 V 200W Part Number Marking Breakdown Voltage VBR (V) @IT Uni Bi Uni Bi Reverse Stand-Off Voltage VRWM(V) MIN MAX Test Current IT (mA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Reverse Leakage IR @VRWM ( μA) SMF5.0A SMF5.0CA FE KE 5.0 6.40 7.00 10 9.2 21.74 400 SMF6.0A SMF6.0CA FG KG 6.0 6.67 7.37 10 10.3 19.42 400 SMF6.5A SMF6.5CA FK KK 6.5 7.22 7.98 10 11.2 17.86 250 SMF7.0A SMF7.0CA FM KM 7.0 7.78 8.60 10 12.0 16.67 100 SMF7.5A SMF7.5CA FP KP 7.5 8.33 9.21 1 12.9 15.50 50 SMF8.0A SMF8.0CA FR KR 8.0 8.89 9.83 1 13.6 14.71 25 SMF8.5A SMF8.5CA FT KT 8.5 9.44 10.40 1 14.4 13.89 10 SMF9.0A SMF9.0CA FV KV 9.0 10.00 11.10 1 15.4 12.99 5 SMF10A SMF10CA FX KX 10.0 11.10 12.30 1 17.0 11.76 2.5 SMF11A SMF11CA FZ KZ 11.0 12.20 13.50 1 18.2 10.99 2.5 SMF12A SMF12CA HE LE 12.0 13.30 14.70 1 19.9 10.05 2.5 SMF13A SMF13CA HG LG 13.0 14.40 15.90 1 21.5 9.30 1 SMF14A SMF14CA HK LK 14.0 15.60 17.20 1 23.2 8.62 1 SMF15A SMF15CA HM LM 15.0 16.70 18.50 1 24.4 8.20 1 SMF16A SMF16CA HP LP 16.0 17.80 19.70 1 26.0 7.69 1 SMF17A SMF17CA HR LR 17.0 18.90 20.90 1 27.6 7.25 1 SMF18A SMF18CA HT LT 18.0 20.00 22.10 1 29.2 6.85 1 SMF19A SMF19CA HB LB 19.0 21.10 23.30 1 30.6 6.54 1 SMF20A SMF20CA HV LV 20.0 22.20 24.50 1 32.4 6.17 1 SMF22A SMF22CA HX LX 22.0 24.40 26.90 1 35.5 5.63 1 SMF24A SMF24CA HZ LZ 24.0 26.70 29.50 1 38.9 5.14 1 SMF26A SMF26CA JE ME 26.0 28.90 31.90 1 42.1 4.75 1 SMF28A SMF28CA JG MG 28.0 31.10 34.40 1 45.4 4.41 1 SMF30A SMF30CA JK MK 30.0 33.30 36.80 1 48.4 4.13 1 SMF33A SMF33CA JM MM 33.0 36.70 40.60 1 53.3 3.75 1 SMF36A SMF36CA JP MP 36.0 40.00 44.20 1 58.1 3.44 1 SMF40A SMF40CA JR MR 40.0 44.40 49.10 1 64.5 3.10 1 SMF43A SMF43CA JT MT 43.0 47.80 52.80 1 69.4 2.88 1 SMF45A SMF45CA JV MV 45.0 50.00 55.30 1 72.7 2.75 1 SMF48A SMF48CA JX MX 48.0 53.30 58.90 1 77.4 2.58 1 SMF51A SMF51CA JZ MZ 51.0 56.70 62.70 1 82.4 2.43 1 SMF54A SMF54CA XE NE 54.0 60.00 66.30 1 87.1 2.30 1 SMF58A SMF58CA XG NG 58.0 64.40 71.20 1 93.6 2.14 1 SMF60A SMF60CA XK NK 60.0 66.70 73.70 1 96.8 2.07 1 SMF64A SMF64CA XM NM 64.0 71.10 78.60 1 103.0 1.94 1 SMF70A SMF70CA XP NP 70.0 77.80 86.00 1 113.0 1.77 1 SMF75A SMF75CA XR NR 75.0 83.30 92.10 1 121.0 1.65 1 SMF78A SMF78CA XT NT 78.0 86.70 95.80 1 126.0 1.59 1 SMF80A SMF80CA XB NB 80.0 88.80 97.60 1 129.0 1.55 1 SMF85A SMF85CA XV NV 85.0 94.40 104.00 1 137.0 1.46 1 SMF90A SMF90CA XX NX 90.0 100.00 111.00 1 146.0 1.37 1 SMF100A SMF100CA XZ NZ 100.0 111.00 123.00 1 162.0 1.23 1 SMF110A SMF110CA TE PE 110.0 122.00 135.00 1 177.0 1.13 1 SMF120A SMF120CA TG PG 120.0 133.00 147.00 1 193.0 1.04 1 SMF130A SMF130CA TK PK 130.0 144.00 159.00 1 209.0 0.96 1 SMF140A SMF140CA TB PB 140.0 155.00 171.00 1 224.0 0.89 1 SMF150A SMF150CA TM PM 150.0 167.00 185.00 1 243.0 0.82 1 SMF160A SMF160CA TP PP 160.0 178.00 197.00 1 259.0 0.77 1 SMF170A SMF170CA TR PR 170.0 189.00 209.00 1 275.0 0.73 1 SMF180A SMF180CA TT PT 180.0 200.00 220.00 1 292.0 0.69 1 Note: 1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device 2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices 3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double Electrical Characteristics (TA=25℃ unless otherwise noted) |