| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SG2012 bảng dữ liệu(PDF) 5 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SG2012 bảng dữ liệu(HTML) 5 Page - Microsemi Corporation |
|
5 / 7 page ![]() Rev 1.3b Copyright © 1997 11861 Western Avenue ∞ ∞ ∞ ∞ ∞ Garden Grove, CA 92841 5 (714) 898-8121 ∞ ∞ ∞ ∞ ∞ FAX: (714) 893-2570 Parameter Units Min. Typ. Max. Limits Test Conditions Applicable Devices Temp. ELECTRICAL CHARACTERISTICS (continued) SG2021 thru SG2024 V CE = 95V V CE = 95V, VIN = 1V I C = 350mA, IB = 850µA I C = 200mA, IB = 550µA I C = 100mA, IB = 350µA I C = 350mA, IB = 500µA I C = 200mA, IB = 350µA I C = 100mA, IB = 250µA I C = 350mA, IB = 500µA I C = 200mA, IB = 350µA I C = 100mA, IB = 250µA V IN = 3.85V V IN = 5V V IN = 12V I C = 500µA V CE = 2V, IC = 300mA V CE = 2V, IC = 200mA V CE = 2V, IC = 250mA V CE = 2V, IC = 300mA V CE = 2V, IC = 200mA V CE = 2V, IC = 250mA V CE = 2V, IC = 300mA V CE = 2V, IC = 125mA V CE = 2V, IC = 200mA V CE = 2V, IC = 275mA V CE = 2V, IC = 350mA V CE = 2V, IC = 125mA V CE = 2V, IC = 200mA V CE = 2V, IC = 275mA V CE = 2V, IC = 350mA V CE = 2V, IC = 350mA V CE = 2V, IC = 350mA 0.5 E IN to 0.5 EOUT 0.5 E IN to 0.5 EOUT V R = 95V I F = 350mA T A = TMIN T A = TMIN T A = TMIN T A = 25°C T A = 25°C T A = 25°C T A = TMAX T A = TMAX T A = TMAX T A = TMAX T A = TMAX T A = TMIN T A = TMIN T A = TMIN T A = TMAX T A = TMAX T A = TMAX T A = TMIN T A = TMIN T A = TMIN T A = TMIN T A = TMAX T A = TMAX T A = TMAX T A = TMAX T A = TMIN T A = 25°C T A = 25°C T A = 25°C T A = 25°C All SG2024 All SG2023 SG2024 All SG2023 SG2024 SG2021 All All All All All Output Leakage Current (I CEX) Collector - Emitter (V CE(SAT)) Input Current (I IN(ON)) (I IN(OFF)) Input Voltage (V IN(ON)) D-C Forward Current Transfer Ratio (h FE) Input Capacitance (C IN) (Note 3) Turn-On Delay (TPLH) Turn-Off Delay (TPHL) Clamp Diode Leakage Current (I R) Clamp Diode Forward Voltage (V F) 650 240 650 25 500 1000 1.6 1.3 1.1 1.25 1.1 0.9 1.6 1.3 1.1 930 350 1000 50 15 250 250 1.7 100 500 1.8 1.5 1.3 1.6 1.3 1.1 1.8 1.5 1.3 1350 500 1450 13 3.3 3.6 3.9 2.4 2.7 3.0 6.0 8.0 10 12 5.0 6.0 7.0 8.0 25 1000 1000 50 2.0 µA µA V V V V V V V V V µA µA µA µA V V V V V V V V V V V V V V V pF ns ns µA V Note 3. These parameters, although guaranteed, are not tested in production. |