| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SG2011 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SG2011 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 7 page ![]() Rev 1.3b Copyright © 1997 11861 Western Avenue ∞ ∞ ∞ ∞ ∞ Garden Grove, CA 92841 2 (714) 898-8121 ∞ ∞ ∞ ∞ ∞ FAX: (714) 893-2570 ABSOLUTE MAXIMUM RATINGS (Note 1) Peak Collector Current, I C (SG2000, 2020) ...................................................... (SG2010) ................................................................ Operating Junction Temperature Hermetic (J, L Packages) ......................................... Plastic (N, Packages) ............................................... Storage Temperature Range .......................... Lead Temperature (Soldering 10 sec.) ......................... Output Voltage, V CE (SG2000, 2010 series) ................................................ (SG2020 series) .......................................................... Input Voltage, V IN (SG2002,3,4) ............................................................... Continuous Input Current, I IN ........................................ 50V 95V 30V 25mA 500mA 600mA 150 °C 150 °C -65 °C to 150°C 300 °C Note 1. Values beyond which damage may occur. J Package: Thermal Resistance-Junction to Case, θ JC .................. 30°C/W Thermal Resistance-Junction to Ambient, θ JA ............... 80°C/W N Package: Thermal Resistance-Junction to Case, θ JC .................. 40°C/W Thermal Resistance-Junction to Ambient, θ JA .............. 65°C/W L Package: Thermal Resistance-Junction to Case, θ JC .................. 35°C/W Thermal Resistance-Junction to Ambient, θ JA ............ 120°C/W THERMAL DATA Note A. Junction Temperature Calculation: T J = T A + (P D x θ JA ). Note B. The above numbers for θ JC are maximums for the limiting thermal resistance of the package in a standard mounting configuration. The θ JA numbers are meant to be guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. Output Voltage, V CE SG2000, SG2010 series .............................................. SG2020 series ............................................................. 50V 95V Peak Collector Current, I C SG2000, SG2020 series ........................................... SG2010 series ........................................................ Operating Ambient Temperature Range SG2000 Series - Hermetic .......................... SG2000 Series - Plastic .................................. 50mA 500mA -55 °C to 125°C 0 °C to 70°C RECOMMENDED OPERATING CONDITIONS (Note 2) Note 2. Range over which the device is functional. SELECTION GUIDE Device V CE Max I C Max Logic Inputs SG2001 50V 500mA General Purpose PMOS, CMOS SG2002 50V 500mA 14V-25V PMOS SG2003 50V 500mA 5V TTL, CMOS SG2004 50V 500mA 6V-15V CMOS, PMOS SG2011 50V 600mA General Purpose PMOS, CMOS SG2012 50V 600mA 14V-25V PMOS Device V CE Max I C Max Logic Inputs SG2013 50V 600mA 5V TTL, CMOS SG2014 50V 600mA 6V-15V CMOS, PMOS SG2015 50V 600mA High Output TTL SG2021 95V 500mA General Purpose PMOS, CMOS SG2023 95V 500mA 5V TTL, CMOS SG2024 95V 500mA 6V-15V CMOS, PMOS RoHS Peak Package Solder Reflow Temp. (40 sec. max. exp.)...... 260°C (+0, -5) |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |