công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB2-H-6002 bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện USB2-H-6002
Giải thích chi tiết về linh kiện  USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-H-6002 bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button USB2-H-6002 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 11Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 12Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 13Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 14Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 15Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 16Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Document Reference No.: ES_000019
USB2-H-6002 Hi-Speed USB to 2-Port RS422 Adapter Data Sheet
Version 1.01
Clearance No.: ES
#22
©2010 EasySync Ltd.
13
Figure 2.8 - Device Manager
Click on the Plus “+” sign next to the Ports tree to list the available COM port. You will see “EasySync
USB COM Port”, followed by a COMn assignment. And dual additional “EasySync USB Serial Converter
A” ,“EasySync USB Serial Converter B”.
Figure 2.9 - COM Port and USB Device name Assignment
To determine which COM port has been assigned to Converter A, B, the cursor point to the EasySync USB
Serial Port (COM10), (COM11) then right-click on it and select “Properties”, it shows their relationship to
the Converter A, B.
In the figure below, the Converter A is assigned to COM10, Converter B is assigned to COM11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com