| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF1210 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCF1210 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 5 page ![]() Precision Thin Film Nichrome Chip Resistors PCF Series www.bitechnologies.com www.irctt.com www.welwyn-tt.com General Note TT electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT electronics’ own data and is considered accurate at time of going to print. © TT electronics plc 1.14 Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the PCF can be immersed in the solder bath for 30 seconds at 260 C. This enables the resistor to be mounted on one side of a printed circuit board and wire-leaded components applied on the other side. PCF resistors themselves can operate at a maximum temperature of 125 C (see performance above) (155 C for High Power grades). For soldered resistors, the joint temperature should not exceed 110 C. This condition is met when the stated power levels at 70 C are used. Precision Surface Mount Resistors 03.11 © Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com PCF Series Solderability The terminations have an electroplated nickel barrier and tin coating. This ensures excellent 'leach' resistance properties and solderability. Packaging PCF Resistors are supplied taped and reeled as as per IEC 286-3. Sizes 2010 and 2512 are in embossed plastic tape. Application Notes PCF resistors are ideally suited for handling by automatic methods due to their rectangular shape and the small dimensional tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering of wrap-around terminations. Derating Curve Smaller sizes are in paper tape. |