công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

QS186EB bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện QS186EB
Giải thích chi tiết về linh kiện  Miniature self-contained photoelectric sensors in universal housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

QS186EB bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  QS186EB Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensions and Features
Models E, EV, R, and FF
Models EB and RB
Models DB and W
Model Suffix E, EV, R, and FF
15.0 mm
(0.59")
31.0 mm
(1.22")
3.0 mm
(0.12")
17.1 mm
(0.67")
24.1 mm
(0.95")
35.0 mm
(1.38")
Yellow
LED
Green
LED
Ø3.3 mm (0.13")
Max. torque 0.6 Nm (5 in-lbs)
Model Suffix EB, RB
3.0 mm
(0.12")
21.1 mm
(0.82")
Model Suffix DB, W
3.0 mm
(0.12")
21.1 mm
(0.82")
Models FP
Models CV15, CV45, D, LV, and LP
Models F
Model Suffix FP
15.0 mm
(0.59")
7.5 mm
(0.30")
13.4 mm
(0.53")
7.6 mm
(0.30")
17.1 mm
(0.67")
27.5 mm
(1.09")
5.2 mm
(0.21")
31.0 mm
†
(1.22")
3.0 mm
(0.12")
†
CV Models:
33.2 mm (1.31")
Model Suffix CV15, CV45, D, LV, LP
Single-turn
Sensitivity
Adjustment
M18x1 Thread
Max. torque 2.3 Nm (20 in-lbs)
Model Suffix F
17.1 mm
(0.67")
36.9 mm
(1.45")
19.8 mm
(0.78")
Slot for
Fiber Clip
Model Suffix Q7
Model Suffix Q8
Model Suffix Q
(e.g. QS186EQ)
Model Suffix Q5
(e.g. QS186EQ5)
(e.g. QS186EQ7)
(e.g. QS186EQ8)
150 mm (6")
Pico-style
Pigtail
150 mm (6")
Euro-style
Pigtail
41.5 mm
(1.63")
49 mm
(1.93")
Integral
4-pin
Pico-Style QD
Integral
4-pin
Euro-Style QD
M18 x 1 Jam Nut
Packing List
8.0 mm
(0.32")
24.2 mm
(0.95")
M3 hardware packet contents:
2 - M3 x 0.5 x 20 mm stainless steel screw
2 - M3 x 0.5 stainless steel hex nut
2 - M3 stainless steel washer
Sensor
M18 x 1 jam nut
M3 hardware packet
Installation sheet, p/n 63687
WORLD-BEAM QS18
4
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com