| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMBD3004S bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBD3004S bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS30353 Rev. 2 - 2 2 of 2 MMBD3004S 400 T , AMBIENT TEMPERATURE, (°C) A Fig. 1 Power Derating Curve, total package 200 100 300 0 500 0 100 200 0 400 800 1200 1600 2000 V , INSTANTANEOUS FORWARD VOLTAGE (mV) F Fig. 2 Typical Forward Characteristics, per element 100 1.0 10 0.1 0.01 1000 T = 150 °C j T = 25 °C j 0 50 100 150 200 250 300 350 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 3 Typical Reverse Characteristics, per element 100 1.0 10 0.1 0.01 0.001 1000 T = 150 °C j T = 75 °C j T = 25 °C j 0.7 0.8 0.01 0.1 1.0 10 100 Fig. 4 Typical Total Capacitance vs. Reverse Voltage, per element V , REVERSE VOLTAGE (V) R 0.9 1.0 1.1 Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D Date Code Key KAE = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September Marking Information KAE Year 2002 2003 2004 2005 2006 2007 Code N P R S T U |