công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCSB2/0-2-12 bảng dữ liệu(PDF) 1 Page - PANDUIT CORP.

tên linh kiện PCSB2/0-2-12
Giải thích chi tiết về linh kiện  Multi-Tap Connector with Clear Insulation, Double-Sided
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCSB2/0-2-12 bảng dữ liệu(HTML) 1 Page - PANDUIT CORP.

  PCSB2/0-2-12 Datasheet HTML 1Page - PANDUIT CORP. PCSB2/0-2-12 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL SOLUTIONS
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Multi-Tap Connector with Clear Insulation, Double-Sided
• Flexible design – can be used as a tap, splice, or dead
end connector
• Body made from high strength, extruded aluminum alloy to
provide premium electrical and mechanical performance
• Insulated with clear PVC to eliminate the need for taping and
allow for visual inspection of the complete conductor insertion
• Each port pre-filled with oxide inhibiting joint compound seals
out air and moisture to deter surface oxidation
• Wide wire range-taking capability minimizes inventory requirements
• Dual-sided entry allows offset and opposite entry for primary and
secondary conductors
• Plated steel or aluminum set screw provides high strength, durable
electrical contact between conductor and connector
• UL Listed and CSA Certified for use up to 600 V and temperature
rated 90°C
W
L
For Use with Aluminum or Copper Code Conductors
Type PCSB
‡‡Not UL Listed or CSA Certified.
S
H
Part Number
Conductor Size Range
No. of Ports
Figure Dimensions
(In.)
Hex Key
Size (In.)
Std.
Pkg.
Qty.
L
W
H
S
PCSB4-2-12Y
#4 – #14 AWG STR
#10 – #14 AWG SOL
2
1.23
1.50
1.25
0.53
1/8
12
PCSB4-3-12Y
3
1.76
1.50
1.25
0.53
1/8
12
PCSB4-4-6Y
4
2.29
1.50
1.25
0.53
1/8
6
PCSB4-5-6Y
5
2.82
1.50
1.25
0.53
1/8
6
PCSB4-6-6Y
6
3.35
1.50
1.25
0.53
1/8
6
PCSB4-8-4Y
8
4.41
1.50
1.25
0.53
1/8
4
PCSB4-10-4Y
10
5.47
1.50
1.25
0.53
1/8
4
PCSB4-12-3Y
12
6.53
1.50
1.25
0.53
1/8
3
PCSB4-14-2Y
14
7.59
1.50
1.25
0.53
1/8
2
PCSB2/0-2-12
2/0 – #14 AWG STR
#10 – #14 AWG SOL
2
1.52
1.56
1.38
0.67
3/16
12
PCSB2/0-3-6
3
2.19
1.56
1.38
0.67
3/16
6
PCSB2/0-4-6
4
2.86
1.56
1.38
0.67
3/16
6
PCSB2/0-5-6
5
3.53
1.56
1.38
0.67
3/16
6
PCSB2/0-6-6
6
4.20
1.56
1.38
0.67
3/16
6
PCSB2/0-8-4
8
5.55
1.56
1.38
0.67
3/16
4
PCSB2/0-10-2Y
10
6.89
1.56
1.38
0.67
3/16
2
PCSB2/0-12-2Y
12
8.24
1.56
1.38
0.67
3/16
2
PCSB2/0-14-1Y
14
9.58
1.56
1.38
0.67
3/16
1
PCSB250-2-6Y
250 kcmil – #10 AWG STR
2
2.03
2.63
2.13
0.94
5/16
6
PCSB250-3-6Y
3
2.97
2.63
2.13
0.94
5/16
6
PCSB250-4-6Y
4
3.91
2.63
2.13
0.94
5/16
6
PCSB250-5-4Y
5
4.84
2.63
2.13
0.94
5/16
4
PCSB250-6-4Y
6
5.78
2.63
2.13
0.94
5/16
4
PCSB250-8-3Y
8
7.66
2.63
2.13
0.94
5/16
3
PCSB250-10-2Y
10
9.53
2.63
2.13
0.94
5/16
2
PCSB250-12-2Y
12
11.41
2.63
2.13
0.94
5/16
2
PCSB250-14-1Y
14
13.29
2.63
2.13
0.94
5/16
1


Số phần tương tự - PCSB2/0-2-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PANDUIT CORP.
PCSB2/0-2S-6 PANDUIT-PCSB2/0-2S-6 Datasheet
66Kb / 1P
Multi-Tap Connector with Clear Insulation, Single-Sided
More results

Mô tả tương tự - PCSB2/0-2-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
BIBD45 HUBBELL-BIBD45 Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD46FX HUBBELL-BIBD46FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD48FX HUBBELL-BIBD48FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD3503FX HUBBELL-BIBD3503FX Datasheet
260Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD25010FX HUBBELL-BIBD25010FX Datasheet
257Kb / 1P
MULTI-PORT Double-Sided Entry.
BIBD60014 HUBBELL-BIBD60014 Datasheet
262Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD75012FX HUBBELL-BIBD75012FX Datasheet
260Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBS6003 HUBBELL-BIBS6003 Datasheet
264Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 3 Port, 1 Sided Entry, 4
BIBS6004 HUBBELL-BIBS6004 Datasheet
262Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4 Aluminum Multiple Tap Connector, Clear Insulated, 4 Port, 1 Sided Entry, 4
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com