| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC457S0NIP0F bảng dữ liệu(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC457S0NIP0F bảng dữ liệu(HTML) 3 Page - Sharp Corporation |
|
3 / 13 page ![]() 3 Sheet No.: D2-A09101EN PC457S0NIP0F Series repeats in a 20 year cycle 1st digit 2nd digit Year of production Month of production A.D. Mark A.D. Mark Month Mark 1990 A 2002 P January 1 1991 B 2003 R February 2 1992 C 2004 S March 3 1993 D 2005 T April 4 1994 E 2006 U May 5 1995 F 2007 V June 6 1996 H 2008 W July 7 1997 J 2009 X August 8 1998 K 2010 A September 9 1999 L 2011 B October O 2000 M 2012 C November N 2001 N : : December D Date code (2 digit) Country of origin Japan Rank mark With or without. |