| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
62011-2 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
62011-2 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
|
6 / 22 page ![]() 15 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Terminals (Insulated and Uninsulated) 250 Series Receptacles (Continued) A — Premier Line .305 [7.75] L .300 [7.62] B — Economy Line .305 [7.75] .300 [7.62] L C — Moldable Line .305 [7.75] .300 [7.62] L Wire Range Style Tab Insulation Material Stock L Terminal AWG Fit Diameter and Finish Thickness (Overall Length) Part Number .032 — Brass, .018 .655 X — X 41194 A 0.81 Tin Plated 0.46 16.64 .032 — Steel, .018 .655 — X X 41143-1 0.81 Nickel Plated 0.46 16.64 .032 —Brass .016 .595 X — X 42845-1 B 0.81 0.41 15.11 18-14 .032 — Brass, .016 .595 X — X 42845-2 0.81 Tin Plated 0.41 15.11 .032 —Brass .016 .655 X — X 60938-1 0.81 0.41 16.64 C .032 — Brass, .016 .655 X — X 60938-2 0.81 Tin Plated 0.41 16.64 .032 — Brass, .016 .655 — — — 63981-11 0.81 Tin Plated 0.41 16.64 1 No dimple. R R R Straight Receptacles, Non-Insulation Support 250 Series Tab-Lok Flags Flag Receptacles, Insulation Support B — Budget Line .300 [7.62] .305 [7.75] L .300 [7.62] .305 [7.75] L A — Premier Line C — Economy Line .300 [7.62] .305 [7.75] L 22-16 C .032 .070- .130 Brass .016 .670 X — X 63577-1 0.81 1.78-3.30 0.41 17.02 .032 .110-.210 Brass .018 .670 X — X 41531 0.81 2.79-5.33 0.46 17.02 .032 .110-.210 Brass, .018 .670 X — X 41532 0.81 2.79-5.33 Tin Plated 0.46 17.02 A .032 .110-.210 Brass, .018 .670 X — X 61156-1 0.81 2.79-5.33 Silver Plated 0.46 17.02 .032 .110-.210 Steel, .018 .670 — X X 41531-1 0.81 2.79-5.33 Nickel Plated 0.46 17.02 18-12 .032 .110-.210 Steel, .016 .670 — X X 42404-1 0.81 2.79-5.33 Nickel Plated 0.41 17.02 .032 .110-.210 Brass .016 .670 X — X 42511-1 B 0.81 2.79-5.33 0.41 17.02 .032 .110-.210 Brass, .016 .670 X — X 42511-2 0.81 2.79-5.33 Tin Plated 0.41 17.02 .032 .110-.210 Brass .016 .670 X — X 42742-1 C 0.81 2.79-5.33 0.41 17.02 .032 .110-.210 Brass, .016 .670 X — X 42742-2 0.81 2.79-5.33 Tin Plated 0.41 17.02 Wire Range Style Tab Insulation Material Stock L Terminal AWG Fit Diameter and Finish Thickness (Overall Length) Part Number R R R Note: All part numbers are RoHS compliant. |