công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL08 bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC

tên linh kiện PL08
Giải thích chi tiết về linh kiện  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08 bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC

Back Button PL08 Datasheet HTML 5Page - Omron Electronics LLC PL08 Datasheet HTML 6Page - Omron Electronics LLC PL08 Datasheet HTML 7Page - Omron Electronics LLC PL08 Datasheet HTML 8Page - Omron Electronics LLC PL08 Datasheet HTML 9Page - Omron Electronics LLC PL08 Datasheet HTML 10Page - Omron Electronics LLC PL08 Datasheet HTML 11Page - Omron Electronics LLC PL08 Datasheet HTML 12Page - Omron Electronics LLC PL08 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
H3CA
9
Mounting Track (Meets DIN EN50022)
Protective Cover
(see note)
PFP-100N/PFP-50N
PFP-100N2
Twelve, 25
× 4.5 elliptic holes (see note)
Note: This dimension applied to PFP-50N.
PFP-M
PFP-S
Y92F-30
Note: Pay attention to the orientation of the adapter when mounting
two or more timers in a vertical or horizontal line.
Note: A total of 12-25
× 4.5 elliptic holes are provided with 6 holes
cut from each rail end at a pitch of 10 mm between holes.
End Plate
Adapter for Flush Mounting
Y92A-48B/Y92A-48D
Y92A-48B
Hard Plastic Cover
Y92A-48D
Soft PVC Cover
The protective cover protects the front panel, particularly the
time setting section, against dust, dirt and water drip, as well
as prevents the set value from being altered due to accidental
contact with the time setting knob.
Note: The Y92A-48B Protective Cover is made of a hard plastic and
therefore, must be removed to change the timer set value. However,
since the Y92A-48D Protective Cover is made of PVC, the set value
can be altered by pressing on the surface of the cover.
It may be, however, difficult to make setting changes of the Timer
with the Y92A-48B Protective Cover attached, which must be taken
into consideration before using the Y92A-48B Protective Cover.
When attaching the Y92A-48A to the Timer to be panel-mounted,
use the Y92F-30 Mounting Adapter along with the Timer.
The Protective Cover cannot be, however, used for the H3CA-FA
Series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com