công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EASER161-ENLED bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện EASER161-ENLED
Giải thích chi tiết về linh kiện  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EASER161-ENLED bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EASER161-ENLED Datasheet HTML 12Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 13Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 14Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 15Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 16Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 17Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 18Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 19Page - List of Unclassifed Manufacturers EASER161-ENLED Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
THE SERIALS
Page 20
Zeppelinstr. 19 · D-82205 Gilching · Phone +49-8105-77 8090 · Fax +49-8105-77 80 99 · www.lcd-module.de · info@lcd-module.de
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
All Serials Overview
Dimensions in mm
Current in mA
Serial displays with RS-232 and LED backlight
Ordering
information
Lines x
Char.
Char.
height
Module dimension
Viewing area
Bezel
Cutout
bezel
Current
typ.
NeW !
Keypad
EA OPT-
TAST5x5
W
H
D
W
H
W
H
1 line displays
EA SER081-92NLED
1x 8
11.48
77.0
54.0
26.0
56.5
22.0
0092-KE
70.5
48.5
100
Snap-In
EA SER081-CNLED
1x 8
10.8
84.0
44.0
26.0
61.0
15.8
017-2UKE
66.2
21.2
30
optional
EA SER161-DNLED
1x 16
6.56
80.0
36.0
27.0
64.5
16.0
017-1UKE
69.7
19.2
100
optional
EA SER161-ENLED
1x 16
9.66
122.0
33.0
27.0
99.0
13.0
017-6UKE
104.7
19.2
170
optional
2 line displays
EA SER082-CNLED
2x 8
11.44
84.0
44.0
27.5
63.0
25.0
017-8UKE
67.0
30.6
90
optional
EA SER162-N3LW
2x 16
5.55
80.0
36.0
27.0
64.5
16.0
017-2UKE
66.2
21.2
40
blue
optional
EA SER162-CNLED
2x 16
4.35
80.0
36.0
27.0
64.5
13.8
017-1UKE
69.7
19.2
90
optional
EA SER162-NLED
2x 16
5.55
84.0
44.0
29.0
61.0
15.8
017-2UKE
66.2
21.2
120
optional
EA SER162-NLW
2x 16
5.55
84.0
44.0
27.0
64.5
16.0
017-2UKE
66.2
21.2
40
blue
optional
EA SER162-92NLED
2x 16
6.68
77.0
54.0
26.0
56.5
22.0
0092-KE
70.5
48.5
100
Snap-In
EA SER162-BNLED
2x 16
9.66
122.0
44.0
29.0
99.0
24.0
017-12UKE 103.6
28.8
360
optional
EA SER162-BNLW
2x 16
9.66
122.0
44.0
29.0
99.0
24.0
017-12UKE 103.6
28.8
65
blue
optional
EA SER202-NLED
2x 20
5.55
116.5
39.0
29.0
85.0
18.6
017-7UKE
87.7
23.6
210
optional
EA SER202-NLW
2x 20
5.55
116.5
39.0
26.0
85.0
18.6
017-7UKE
87.7
23.6
40
blue
optional
EA SER202-BHNLED
2x 20
9.2
146.0
43.0
29.0
123.0
23.0
-
127.2
28.4
270
optional
EA SER202-CNLW
2x 20
12.7
190.0
54.0
29.0
149.0
31.0
-
-
-
100
blue
optional
EA SER242-NLED
2x 24
5.55
118.0
36.0
29.0
93.5
15.8
017-14UKE
98.4
21.2
150
optional
EA SER242-BNLED
2x 24
9.66
208.0
40.0
29.0
178.0
23.0
-
-
-
190
optional
EA SER402-NLED
2x 40
5.55
182.0
33.5
29.0
154.1
15.3
017-4UKE
159.2
21.2
150
optional
EA SER402-NLW
2x 40
5.55
182.0
33.5
27.0
154.1
15.3
017-4UKE
159.2
21.2
40
blue
optional
4 line displays
EA SER164-NLED
4x 16
4.75
87.0
60.0
29.0
61.8
25.4
017-8UKE
67.0
30.6
220
optional
EA SER204-92HNLED
4x 20
3.73
77.0
54.0
26.0
56.5
22.0
0092-KE
70.5
48.5
100
Snap-In
EA SER204-4NLED
4x 20
4.03
80.8
47.0
29.0
60.0
22.0
-
-
-
90
optional
EA SER204-NLED
4x 20
4.75
98.0
60.0
29.0
76.0
25.2
017-9UKE
81.2
30.6
260
optional
EA SER204-NLW
4x 20
4.75
98.0
60.0
29.0
76.0
25.2
017-9UKE
81.2
30.6
45
blue
optional
EA SER204-BNLED
4x 20
9.2
146.0
62.5
29.0
123.0
42.5
017-25KE
127.2
47.9
810
optional
EA SER404-HNLED
4x 40
4.89
190.0
54.0
29.0
147.0
29.5
017-13UKE 151.2
34.4
440
optional
EA SER404-NLW
4x 40
4.89
190.0
54.0
29.0
147.0
29.5
017-13UKE 151.2
34.4
75
blue
optional
8 line displays
EA SER308-NLED
8x 30
4.2 bold 180.0
65.0
29.0
134.0
40.2
017-10UKE 137.2
44.4
300
EA SER408-NLED
8x 40
4.2
180.0
65.0
29.0
134.0
40.2
017-10UKE 137.2
44.4
300
16 line displays
EA SER3016-NLED
16 x 30
3.6 bold 144.0 104.0
29.0
114.0
64.0
---
-
-
700
EA SER4016-NLED
16 x 40
3.6
144.0 104.0
29.0
114.0
64.0
---
-
-
700
ATTENTION
handling precautions!
CAUTION!
Use ESD precautionary procedures
Electrostatic sensitive components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20