| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EASER161-DNLED bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EASER161-DNLED bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 20 page ![]() THE SERIALS Page 20 Zeppelinstr. 19 · D-82205 Gilching · Phone +49-8105-77 8090 · Fax +49-8105-77 80 99 · www.lcd-module.de · info@lcd-module.de ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. All Serials Overview Dimensions in mm Current in mA Serial displays with RS-232 and LED backlight Ordering information Lines x Char. Char. height Module dimension Viewing area Bezel Cutout bezel Current typ. NeW ! Keypad EA OPT- TAST5x5 W H D W H W H 1 line displays EA SER081-92NLED 1x 8 11.48 77.0 54.0 26.0 56.5 22.0 0092-KE 70.5 48.5 100 Snap-In EA SER081-CNLED 1x 8 10.8 84.0 44.0 26.0 61.0 15.8 017-2UKE 66.2 21.2 30 optional EA SER161-DNLED 1x 16 6.56 80.0 36.0 27.0 64.5 16.0 017-1UKE 69.7 19.2 100 optional EA SER161-ENLED 1x 16 9.66 122.0 33.0 27.0 99.0 13.0 017-6UKE 104.7 19.2 170 optional 2 line displays EA SER082-CNLED 2x 8 11.44 84.0 44.0 27.5 63.0 25.0 017-8UKE 67.0 30.6 90 optional EA SER162-N3LW 2x 16 5.55 80.0 36.0 27.0 64.5 16.0 017-2UKE 66.2 21.2 40 blue optional EA SER162-CNLED 2x 16 4.35 80.0 36.0 27.0 64.5 13.8 017-1UKE 69.7 19.2 90 optional EA SER162-NLED 2x 16 5.55 84.0 44.0 29.0 61.0 15.8 017-2UKE 66.2 21.2 120 optional EA SER162-NLW 2x 16 5.55 84.0 44.0 27.0 64.5 16.0 017-2UKE 66.2 21.2 40 blue optional EA SER162-92NLED 2x 16 6.68 77.0 54.0 26.0 56.5 22.0 0092-KE 70.5 48.5 100 Snap-In EA SER162-BNLED 2x 16 9.66 122.0 44.0 29.0 99.0 24.0 017-12UKE 103.6 28.8 360 optional EA SER162-BNLW 2x 16 9.66 122.0 44.0 29.0 99.0 24.0 017-12UKE 103.6 28.8 65 blue optional EA SER202-NLED 2x 20 5.55 116.5 39.0 29.0 85.0 18.6 017-7UKE 87.7 23.6 210 optional EA SER202-NLW 2x 20 5.55 116.5 39.0 26.0 85.0 18.6 017-7UKE 87.7 23.6 40 blue optional EA SER202-BHNLED 2x 20 9.2 146.0 43.0 29.0 123.0 23.0 - 127.2 28.4 270 optional EA SER202-CNLW 2x 20 12.7 190.0 54.0 29.0 149.0 31.0 - - - 100 blue optional EA SER242-NLED 2x 24 5.55 118.0 36.0 29.0 93.5 15.8 017-14UKE 98.4 21.2 150 optional EA SER242-BNLED 2x 24 9.66 208.0 40.0 29.0 178.0 23.0 - - - 190 optional EA SER402-NLED 2x 40 5.55 182.0 33.5 29.0 154.1 15.3 017-4UKE 159.2 21.2 150 optional EA SER402-NLW 2x 40 5.55 182.0 33.5 27.0 154.1 15.3 017-4UKE 159.2 21.2 40 blue optional 4 line displays EA SER164-NLED 4x 16 4.75 87.0 60.0 29.0 61.8 25.4 017-8UKE 67.0 30.6 220 optional EA SER204-92HNLED 4x 20 3.73 77.0 54.0 26.0 56.5 22.0 0092-KE 70.5 48.5 100 Snap-In EA SER204-4NLED 4x 20 4.03 80.8 47.0 29.0 60.0 22.0 - - - 90 optional EA SER204-NLED 4x 20 4.75 98.0 60.0 29.0 76.0 25.2 017-9UKE 81.2 30.6 260 optional EA SER204-NLW 4x 20 4.75 98.0 60.0 29.0 76.0 25.2 017-9UKE 81.2 30.6 45 blue optional EA SER204-BNLED 4x 20 9.2 146.0 62.5 29.0 123.0 42.5 017-25KE 127.2 47.9 810 optional EA SER404-HNLED 4x 40 4.89 190.0 54.0 29.0 147.0 29.5 017-13UKE 151.2 34.4 440 optional EA SER404-NLW 4x 40 4.89 190.0 54.0 29.0 147.0 29.5 017-13UKE 151.2 34.4 75 blue optional 8 line displays EA SER308-NLED 8x 30 4.2 bold 180.0 65.0 29.0 134.0 40.2 017-10UKE 137.2 44.4 300 EA SER408-NLED 8x 40 4.2 180.0 65.0 29.0 134.0 40.2 017-10UKE 137.2 44.4 300 16 line displays EA SER3016-NLED 16 x 30 3.6 bold 144.0 104.0 29.0 114.0 64.0 --- - - 700 EA SER4016-NLED 16 x 40 3.6 144.0 104.0 29.0 114.0 64.0 --- - - 700 ATTENTION handling precautions! CAUTION! Use ESD precautionary procedures Electrostatic sensitive components |