| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EA079-R bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EA079-R bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 7 page ![]() BEZELS Page 5 Specifications may be changed without prior notice. Printing error reserved FRONTPANEL AND MOUNTING BEZELS FOR LED-MODULES WITH 12, 19, 25mm DIGIT HEIGHT Ordering viewing area bezel size cutout mounting matching information A B C D E F G module EA 074-R 42,7 12,2 63,0 25,5 59,0 21,5 48,5/ M3 4 Digit (LED) EA 079-R 106,0 12,2 125,5 25,5 121,5 21,5 114,5/ M3 9 Digit (LED) EA 083-R 43,0 25,0 62,5 38,0 58,5 34,0 50 / M3 3 Digit (LED) EA 087-K/-R 93,0 25,0 114,0 38,0 110,0 34,0 101 8 Digit (LED) EA 093-R 38,0 19,5 59,0 32,0 55,0 28,0 45 / M3 3 Digit (LED) EA 094-R 50,0 19,5 70,5 32,0 66,5 28,0 58 / M3 4 Digit (LED) EA 096-R 77,0 19,5 97,0 32,0 93,0 28,0 84 / M3 6 Digit (LED) These bezels are usually delivered with a red acrylicglass window. Alternatively you can order a clear acrylicglass window. The ordering information is now e.g: EA 096-K insted of EA 096-R. (all dimensions in mm) |