| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EAEVALEDIP160B bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EAEVALEDIP160B bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 17 page ![]() EA9777-2 Page 4 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. 4.) Useful tool “EA LCD Terminal“ After starting the terminal (from EA KIT-editor: the second icon from the right) a dialog is shown with all present serial interfaces. Please choose the one labeled with “x: eDIP Programmer (COMx)“. The Evaluation board has the baudrate 115200. Please activate the Small-Protocol (Shift+F8) to exchange data and commands with the display. 5.) Useful tool “EA BitmapEdit“ The EA BitmapEdit is a simple image processing program. It’s designed to use with the eDIP-Series, it can save and load all formats (e.g. *.g16, *.BLH) of EA eDIP- Series. In addition, you can create elementary animations, by dragging the single pictures onto the editor. 6.) Useful tool “EA Instrument Editor“ The EA eDIPTFT-Series is able to show analogue pointer instruments. To create those instruments you have to use this editor. |