| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EAEVALEDIP128B bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EAEVALEDIP128B bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 17 page ![]() EA9777-2 Page 3 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. QUICK START 1.) Installation The evaluation board is conntected to a free USB-Port of the PC with the delivered USB-cable. Windows detects the new hardware. Drivers for all supported different Windowsversions are found on the CD in the folder: d:\drivers: After successfully installing the driver, both green LEDs (left and right) will shine. The next step is installing the EA KIT-editor and compiler of eDIP-Series. The setupfile “setup LCD-Tools Portable“ is found in the root-directory of the CD. Please follow the instructions of the installer. 2.) First-time operation of display Mount your eDIP on the evaluation board. Make sure that it is mounted correctly, pin 1 is placed in the lower left corner. An external power supply is not needed. 3.) Compile and flash the display Run EA KIT-Editor and choose a project. To open a project, please go to the context menu: “File->open“ and select a file (*.kmc). During installation of KIT- Editor some examples are installed, please find them under: <your drive>:\LCD Tools\Data\eDIP - intelligent graphic displays\eDIP???\How to use\. Please make sure to use the right folder, suitable for your module. Please choose a subject you are interested in and open one of the project files. To compile the project and download it onto the module only one additional click is needed. The farest right icon ‘compile’ starts compilation and downloads the successfully compiled project automatically to the display. |