công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ERJ-1GEF2103C bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện ERJ-1GEF2103C
Giải thích chi tiết về linh kiện  Precision Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ-1GEF2103C bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  ERJ-1GEF2103C Datasheet HTML 1Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 2Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 3Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 4Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 5Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 6Page - Panasonic Semiconductor ERJ-1GEF2103C Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Precision Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
E
1
R
2
J
3
3
4
R
5
B
6
D
7
1
8
0
9
0
10
V
11
2
12
Product Code
Thick Film
Chip Resistors
Size, Power Rating
Type: inches
1R : 0201
2R : 0402
3R : 0603
6R : 0805
Power R.
0.05 W
0.063 W
0.063 W
0.1 W
T.C.R. Marking
T.C.R.
Code
H
B
K
E
±50 10–6/˚C(ppm/˚C)
(1R, 2R)
±50 10–6/˚C(ppm/˚C)
(3R, 6R)
±100 10–6/˚C(ppm/˚C)
(1R, 2R)
±100 10–6/˚C(ppm/˚C)
(3R, 6R)
Resistance Value
✽
Resistance Tolerance
Code
D
Tolerance
±0.5 %
Packaging Methods
Code
C
X
V
Pressed Carrier Taping
2mm pitch
Punched Carrier Taping
2mm pitch
Punched Carrier Taping
4mm pitch
ERJ1R
ERJ2R
ERJ3R
ERJ6R
Packaging
Type
The first three digits are significant figures of resistance
and the last one denotes number of zeros following.
Example: 1002
10 k
Precision Thick Film Chip Resistors
ERJ G : 01005, 0201
ERJ R : 0201, 0402, 0603, 0805
ERJ E : 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ XG, 1G
ERJ 1R, 2R, 3R, 6R
ERJ 3E, 6E, 8E, 14, 12, 1T
■ Features
● Small size and lightweight
● High reliability
Metal glaze thick film resistive element and three
layers of electrodes
● Compatible with placement machines
Taping packaging available
● Suitable for both reflow and flow soldering
■ Explanation of Part Numbers
● Low Resistance Tolerance
ERJXG, 1G, 2R, 3E, 6E, 8E, 14, 12, 1T Series.....±1 %
ERJ1R, 2R, 3R, 6R Series .............................. ±0.5 %
● Reference Standards
IEC 60115-8, JIS C 5201-8
● ERJ1R, 2R, 3R, 6R Series, ±0.5 % type
✽ For existing customers, we continue to use the three-digit resistance code in the part numbers.
Mar. 2008


Số phần tương tự - ERJ-1GEF2103C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ERJ-1GEF2103C PANASONIC-ERJ-1GEF2103C Datasheet
290Kb / 7P
Precision Thick Film Chip Resistors
More results

Mô tả tương tự - ERJ-1GEF2103C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
ERJ-6ENF1001V PANASONIC-ERJ-6ENF1001V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-3EKF1471V PANASONIC-ERJ-3EKF1471V Datasheet
93Kb / 3P
Precision Thick Film Chip Resistors
ERJ-8ENF1332V PANASONIC-ERJ-8ENF1332V Datasheet
90Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
Precision Thick Film Chip Resistors
ERJ-1GEJ220C PANASONIC-ERJ-1GEJ220C Datasheet
290Kb / 7P
Precision Thick Film Chip Resistors
ERJ-6ENF1500V PANASONIC-ERJ-6ENF1500V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com