| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAV70W bảng dữ liệu(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV70W bảng dữ liệu(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30063 Rev. 2 - 1 2 of 3 BAV70W KJA = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September KJA Marking Information Notes: 2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping BAV70W-7 SOT-323 3000/Tape & Reel Ordering Information Date Code Key Month Jan Feb March Apr May Jun Jul Aug Sep Oct Nov Dec Code 12 3 4 5 6 7 89 O N D Year 1998 1999 2000 2001 2002 2003 2004 Code JK LM N OP (Note 2) 10 100 1 0.1 0 1000 800 200 400 600 V , FORWARD VOLTAGE (mV) Fig. 1 Forward Current vs. Forward Voltage F Ta=-30 C ° Ta=50 C ° Ta=0 C ° Ta=85 C ° Ta=25 C ° 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 V , REVERSE VOLTAGE (V) Fig. 2 Reverse Current vs Reverse Voltage R Ta = 100 C ° Ta=0 C ° Ta=75 C ° Ta=50 C ° Ta=25 C ° Ta=-30 C ° |