công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZLED7030KIT-D1 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện ZLED7030KIT-D1
Giải thích chi tiết về linh kiện  High Current 40V LED Driver with Switch Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7030KIT-D1 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7030KIT-D1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7030KIT-D1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ZLED7030
High Current 40V LED Driver with Switch Dimming
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
5 of 23
List of Figures
Figure 1.1
ZLED7x30 Supply Operating Current vs. Input Supply Voltage (VIN = 8.5 to 40V) ......................................... 8
Figure 1.2
Efficiency (%) vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.10 , L1=47µH)........ 8
Figure 1.3
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.15 , L1=47µH) .............. 9
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V)
‡ Per Number of LEDs (Rs=0.30 , L1=47µH)............. 9
Figure 1.5
Output Current Variation vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs
(Rs=0.15 , L1=47
µH) .................................................................................................................................. 10
Figure 1.6
Sense Voltage vs. Operating Temperature (Rs=0.10 , L1=47
µH, VIN = 40 V) ............................................ 10
Figure 1.7
Switch Dimming Waveform (Dimming Mode 2) ............................................................................................ 11
Figure 1.8
LED Open-Circuit Protection (Rs=0.30 , L1=47
µH, VIN = 24 V) .................................................................. 12
Figure 3.1
ZLED7x30 Application Circuit for Switch Dimming ....................................................................................... 15
Figure 3.2
Basic ZLED7x30 Application Circuit with Output Current Determined only by Rs ........................................ 15
Figure 3.3
ZLED7x30 Application Circuit using a Halogen Electronic Transformer to Operate with AC Line Supply .... 16
Figure 5.1
ZLED7x30 Pin Configuration ........................................................................................................................ 21
List of Tables
Table 2.1
Dimming Configuration Options.................................................................................................................... 14
Table 3.1
Recommended Values for Sense Resistor Rs.............................................................................................. 17
Table 5.1
ZLED7x30 Pin Descriptions—SOP-8 Package............................................................................................. 21
Table 5.2
Package Dimensions SOP-8 ........................................................................................................................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com