công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U-F bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện ASI4U-F
Giải thích chi tiết về linh kiện  3.0 Compliant Universal AS-I IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4U-F bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  ASI4U-F Datasheet HTML 1Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 2Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 3Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 4Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 5Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 6Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4U-F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
© 2012 Zentrum Mikroelektronik Dresden AG— Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
ASI4U is a new generation CMOS integrated circuit
for AS-I networks.
The low-level field bus AS-I (Actuator Sensor
Interface) was designed for easy, safe and cost-
effective interconnection of sensors, actuators and
switches. It transports both power and data over the
same two-wire unshielded cable.
ASI4U is used as a part of a master or slave node
and works as an interface to the physical bus. The
device realizes power supply, physical data transfer
and communication protocol handling. ASI4U is fully
compliant with AS-I Complete Specification 3.0 and
functioning and PIN compatible with the A²SI IC.
All configuration data are stored in an internal
EEPROM that can be easily programmed by a
stationary or handheld programming device. The
special AS-I safety option assures short response
times regarding security related events.
Features
 Compliant with AS-I Complete Specification V3.0
 Universal application: in slaves, masters,
repeaters and bus-monitors
 Compatible with A²SI
 Floating AS-I transmitter and receiver for high
symmetrical high power applications
 On-chip electronic inductor with current drive
capability of 55 mA
 Two configurable LED outputs to support all Spec.
V3.0 status indication modes
 Several data pre-processing functions, including
configurable data input filters and bit selective
data inverting
 Additional addressing channel for easy wireless
module setup
 Support of 8 / 16 MHz crystals by automatic
frequency detection
 Special AS-I safety option
 Clock watchdog for high system security
Benefits
 Flexible, separated I/Os
 Flexible AS-I Bus adoption (isolated transceiver)
 Very small package SSOP 28 (ASI4U)
 Supports AS-I complete Specification V3.0
 Supports high ambient temperature applications
(ASI4U-E)
Available Support
 ZMDI AS-Interface Programmer Kit USB
 ZMDI ASI4U Evaluation Board V2.0
Physical Characteristics
 Operational temp. range: -25 to +85°C (ASI4U)
 Operational temp. range: -40 to +85°C (ASI4U-F)
 Operational temp. range: -25 to +105°C (ASI4U-E)
 SSOP28 (ASI4U) / SOP28 (ASI4U-E) package
ASI4U Basic Application Circuit
+24V
+0V
ASI+
ASI-
+24V
+0V
ASI+
ASI-
ASI4U
GND
0V
U5R
CAP
ASIN
ASIP
OSC2
OSC1
UIN
UOUT
FID
DI0...3
DO0...3
DSR
P0...3
IRD
LED2
LED1
PST
ASI4U
GND
0V
U5R
CAP
ASIN
ASIP
OSC2
OSC1
UIN
UOUT
FID
DI0...3
DO0...3
DSR
P0...3
IRD
LED2
LED1
PST
Standard Application
Extended Power Application with IR-Addressing Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com