| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CN-14A-R-C5 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CN-14A-R-C5 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 16 page ![]() 129 DigitalFiberSensorFX-100SERIES FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS SAFETY COMPONENTS PRESSURE SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS WIRE- SAVING SYSTEMS MEASURE- MENT SENSORS STATIC CONTROL DEVICES LASER MARKERS Selection Guide Fiber Sensor Amplifiers FX-300 FX-100 Fibers FT / FD / FR FX-410 FX-311 FX-11A FX-301-F Other Products FIBER SENSORS FX-100 Fiber sensor Ampilifiers LIST OF FIBERS Model No. Sensing range (mm in) (Note 1, 2) Dimensions Standard type FX-101□ Long sensing range type FX-102□ FD-P40 8 0.315 30 1.181 P.117 FD-P50 45 1.772 150 5.906 P.117 FD-P60 45 1.772 150 5.906 P.117 FD-P80 90 3.543 200 7.874 P.117 FD-P81X 70 2.756 220 8.661 P.117 FD-R80 70 2.756 180 7.087 P.117 FD-S80 100 3.937 345 13.583 P.117 FD-SFM2SV2 30 1.181 90 3.543 P.117 FD-SNFM2 35 1.378 100 3.937 P.118 FD-T40 35 1.378 100 3.937 P.118 FD-T80 100 3.937 345 13.583 P.118 FD-V41 25 0.984 70 2.756 P.118 FD-W8 80 3.150 230 9.055 P.118 FD-W44 15 0.591 40 1.575 P.118 Reflective type Fibers are listed in alphabetic order. Refer to “Fiber Selection p.63~” for details of each fiber. Model No. Sensing range (mm in) (Note 1, 2) Dimensions Standard type FX-101□ Long sensing range type FX-102□ FD-WG4 28 1.102 75 2.953 P.118 FD-WKZ1 20 to 180 0.787 to 7.087 20 to 480 0.787 to 18.898 P.118 FD-WL41 7 to 12 0.276 to 0.472 (Convergent point 8 0.315) 6 to 13.5 0.236 to 0.531 (Convergent point 8 0.315) P.118 FD-WL48 1 to 4.5 0.039 to 0.177 0.5 to 6.5 0.020 to 0.256 P.119 FD-WS8 80 3.150 230 9.055 P.119 FD-WSG4 28 1.102 75 2.953 P.119 FD-WT4 15 0.591 40 1.575 P.119 FD-WT8 80 3.150 230 9.055 P.119 FD-WV42 6 0.236 20 0.787 P.119 FD-WZ4 2 to 20 0.079 to 0.787 1 to 70 0.039 to 2.756 P.119 FD-WZ4HB P.119 FD-WZ7 1 to 55 0.039 to 2.165 160 6.299 P.119 FD-WZ7HB 1 to 60 0.039 to 2.362 0.5 to 180 0.020 to 7.087 P.119 Notes: 1) The standard sensing objects of the sensing ranges vary depending on the fibers. Refer to p.71~ for details. 2) Please take care that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 3) Sold as a set comprising vacuum-resistant type fiber + photo-terminal (FV-BR1) + fiber at atmospheric side (FT-J8). Please refer to p.91~ for details. |