công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FWDFM37P bảng dữ liệu(PDF) 3 Page - Molex Electronics Ltd.

tên linh kiện FWDFM37P
Giải thích chi tiết về linh kiện  Wasserdichte Steckverbindersysteme
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

FWDFM37P bảng dữ liệu(HTML) 3 Page - Molex Electronics Ltd.

  FWDFM37P Datasheet HTML 1Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 2Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 3Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 4Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 5Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 6Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 7Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 8Page - Molex Electronics Ltd. FWDFM37P Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
97
DS 10/2007
Connectors with Solder Pot Termination, Front Mounting
Steckverbinder mit Löttopfanschluss, frontseitige Montage
Waterproof Connectors with Plastic Watertight Frames
Wasserdichte Steckverbinder mit Kunststoffdichtrahmen
Connectors with Solder Pot Termination, Rear Mounting
Steckverbinder mit Löttopfanschluss, rückseitige Montage
Connectors with Solder Pot Termination, max. AWG 20
Steckverbinder mit Löttopfanschluss, max. AWG 20
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDF09P
FWDF09S
Standard
-K413
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDF15P
FWDF15S
Standard
-K413
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDF25P
FWDF25S
Standard
-K413
(2.441)
(1.852)
Standard
Connectors with Solder Pot Termination, max. AWG 20
Steckverbinder mit Löttopfanschluss, max. AWG 20
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDR09P
FWDR09S
Standard
-K414
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDR15P
FWDR15S
Standard
-K414
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDR25P
FWDR25S
Standard
-K414
(2.441)
(1.852)
Standard



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com