| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LBS14201 bảng dữ liệu(PDF) 1 Page - SIPAT Co,Ltd |
|
|
|||||||||||||||||||||||||||||
LBS14201 bảng dữ liệu(HTML) 1 Page - SIPAT Co,Ltd |
|
1 / 3 page ![]() Tel: +86-23-62808818 Fax: +86-23-62808382 www.sipatsaw.com / sawmkt@sipat.com Part Number LBS14201 Rev. Date 2008-10-07 SIPAT Co., Ltd. ( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Ver. 1.0 Page 1/3 C Ch hiin na a E Elle eccttrro on niiccss T Te ecch hn no ollo og gyy G Grro ou up p C Co orrp po orra attiio on n N No o..2 26 6 R Re esse ea arrcch h IIn nssttiittu utte e 141.8MHz SAW Filter 0.55MHz Bandwidth S SIIP PA AT T C Co o..,, L Lttd d.. w ww ww w..s siip pa atts sa aw w..c co om m Part Number: LBS14201 Features For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50Ω RoHS compliant (2002/95/EC), Pb-free Specifications Parameter Unit Minimum Typical Maximum Center Frequency MHz 141.65 141.8 141.95 Insertion Loss dB - 21.4 27 3 dB Bandwidth MHz 0.55 0.67 - 40 dB Bandwidth MHz - 1.38 - Passband Variation dB - 0.3 1 Absolute Delay usec - 3.15 4 f0±0.7MHz dB 35 40 - f0±0.9MHz dB 45 57 - f0±1.3MHz dB 50 60 - Ultimate Rejection f0±5.3MHz dB 55 70 - Material Temperature coefficient KHz/°C 0.14 Substrate Material - Qz Ambient Temperature °C 25 Operating Temperature Range °C -40 - +85 Storage Temperature Range °C -45 - +105 DC Voltage V 0 Input Power dBm - - 10 ESD Class - 1A Package Size DIP3512 (35.0x12.8x4.7mm3) Notes: 1. All specifications are based on the test circuit shown; 2. In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; 4. This is the optimum impedance in order to achieve the performance show. |
Số phần tương tự - LBS14201 |
|
Mô tả tương tự - LBS14201 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |